Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 2Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 3Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 4Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 5Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 6Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 7Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 8Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 9Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
AD9516-0
Rev. 0 | Page 6 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PLL DIGITAL LOCK DETECT WINDOW2
Signal available at LD, STATUS, and REFMON pins
when selected by appropriate register settings
Required to Lock (Coincidence of Edges)
Selected by 0x17<1:0> and 0x18<4>
Low Range (ABP 1.3 ns, 2.9 ns)
3.5
ns
0x17<1:0> = 00b, 01b,11b; 0x18<4> = 1b
High Range (ABP 1.3 ns, 2.9 ns)
7.5
ns
0x17<1:0> = 00b, 01b, 11b; 0x18<4> = 0b
High Range (ABP 6 ns)
3.5
ns
0x17<1:0> = 10b; 0x18<4> = 0b
To Unlock After Lock (Hysteresis)2
Low Range (ABP 1.3 ns, 2.9 ns)
7
ns
0x17<1:0> = 00b, 01b, 11b; 0x18<4> = 1b
High Range (ABP 1.3 ns, 2.9 ns)
15
ns
0x17<1:0> = 00b, 01b, 11b; 0x18<4> = 0b
High Range (ABP 6 ns)
11
ns
0x17<1:0> = 10b; 0x18<4> = 0b
1 REFIN and REFIN self-bias points are offset slightly to avoid chatter on an open input condition.
2 For reliable operation of the digital lock detect, the period of the PFD frequency must be greater than the unlock-after-lock time.
CLOCK INPUTS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS (CLK, CLK)
Differential input
Input Frequency
01
2.4
GHz
High frequency distribution (VCO divider)
01
1.6
GHz
Distribution only (VCO divider bypassed)
Input Sensitivity, Differential
150
mV p-p
Measured at 2.4 GHz. Jitter performance is improved
with slew rates > 1 V/ns
Input Level, Differential
2
V p-p
Larger voltage swings may turn on the protection
diodes and can degrade jitter performance
Input Common-Mode Voltage, VCM
1.3
1.57
1.8
V
Self-biased; enables ac coupling
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled
Input Sensitivity, Single-Ended
150
mV p-p
CLK ac-coupled; CLK ac-bypassed to RF ground
Input Resistance
3.9
4.7
5.7
kΩ
Self-biased
Input Capacitance
2
pF
1 Below about 1 MHz, the input should be dc-coupled. Care should be taken to match VCM.
CLOCK OUTPUTS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Termination = 50 Ω to VS − 2 V
OUT0, OUT1, OUT2, OUT3, OUT4, OUT5
Differential (OUT, OUT)
Output Frequency, Maximum
2950
MHz
Using direct to output; see Figure 25
Output High Voltage (VOH)
VS − 1.12
VS − 0.98
VS − 0.84
V
Output Low Voltage (VOL)
VS − 2.03
VS − 1.77
VS − 1.49
V
Output Differential Voltage (VOD)
550
790
980
mV
LVDS CLOCK OUTPUTS
Differential termination 100 Ω @ 3.5 mA
OUT6, OUT7, OUT8, OUT9
Differential (OUT, OUT)
Output Frequency
800
MHz
See Figure 26
Differential Output Voltage (VOD)
247
360
454
mV
Delta VOD
25
mV
Output Offset Voltage (VOS)
1.125
1.24
1.375
V
Delta VOS
25
mV
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com