Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 31Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 32Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 33Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 34Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 35Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 36Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 37Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 38Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
AD9516-0
Rev. 0 | Page 35 of 84
VS
REF1
REF2
REFIN
150Ω
150Ω
10kΩ
12kΩ
10kΩ
10kΩ
REFIN
85kΩ
VS
85kΩ
VS
Figure 47. REFIN Equivalent Circuit
Reference Switchover
The AD9516 supports dual single-ended CMOS inputs, as well
as a single differential reference input. In the dual single-ended
reference mode, the AD9516 supports automatic and manual
PLL reference clock switching between REF1 (on Pin REFIN)
and REF2 (on Pin REFIN). This feature supports networking
and other applications that require redundant references. When
using reference switchover, the single-ended reference inputs
should be dc-coupled CMOS levels and never allowed to go to
high impedance. If these inputs are allowed to go high impedance,
noise may cause the buffer to chatter, causing a false detection
of the presence of a reference.
There are several configurable modes of reference switchover.
The switchover can be performed manually or automatically.
The manual switchover is done either through a register setting
(0x1D), or by using the REF_SEL pin. The automatic switchover
occurs when REF1 disappears. There is also a switchover deglitch
feature which ensures that the PLL does not receive rising edges
that are far out of alignment with the newly selected reference.
There are two reference automatic switchover modes (0x1C):
• Prefer REF1: Switch from REF1 to REF2 when REF1
disappears. Return to REF1 from REF2 when REF1 returns.
• Stay on REF2: Automatically switch to REF2 if REF1 disappears
but do not switch back to REF1 if it reappears. The reference
can be set back to REF1 manually at an appropriate time.
In automatic mode, REF1 is monitored by REF2. If REF1
disappears (two consecutive falling edges of REF2 without an
edge transition on REF1), REF1 is considered missing. Upon
the next subsequent rising edge of REF2, REF2 is used as the
reference clock to the PLL. If 0x1C<3> = 0b (default), when
REF1 returns (four rising edges of REF1 without two falling
edges of REF2 between the REF1 edges), the PLL reference
switchs back to REF1. If 0x1C<3> = 1b, the user has control
over when to switch back to REF1. This is done by programming
the part to manual reference select mode (0x1C<4> = 0b) and
by ensuring that the registers and/or REF_SEL pin are set to
select the desired reference. Auto mode can be re-enabled once
REF1 is reselected.
Manual switchover requires the presence of a clock on the
reference input that is being switched to, or that the deglitching
feature be disabled (0x1C<7>).
Reference Divider R
The reference inputs are routed to the reference divider, R.
R (a 14-bit counter) can be set to any value from 0 to 16383 by
writing to 0x11 and 0x12. (Both R = 0 and R = 1 give divide-by-1.)
The output of the R divider goes to one of the PFD inputs to be
compared to the VCO frequency divided by the N divider. The
frequency applied to the PFD must not exceed the maximum
allowable frequency, which depends on the antibacklash pulse
setting (see Table 2).
The R counter has its own reset. R counter can be reset using
the shared reset bit of the R, A, and B counters. It may also be
reset by a SYNC operation.
VCXO/VCO Feedback Divider N: P, A, B, R
The N divider is a combination of a prescaler (P) and two
counters, A and B. The total divider value is
N = (P × B) + A
where the value of P can be 2, 4, 8, 16, or 32.
Prescaler
The prescaler of the AD9516 allows for two modes of operation:
a fixed divide (FD) mode of 1, 2, or 3, and dual modulus (DM)
mode where the prescaler divides by P and (P + 1) {2 and 3, 4
and 5, 8 and 9, 16 and 17, or 32 and 33}. The prescaler modes of
operation are given in Table 53, 0x16<2:0>. Not all modes are
available at all frequencies (see Table 2).
When operating the AD9516 in dual modulus mode (P//P + 1),
the equation used to relate input reference frequency to VCO
output frequency is
fVCO = (fREF/R) × (P × B + A) = fREF × N/R
However, when operating the prescaler in FD mode, 1, 2, or 3,
the A counter is not used (A = 0) and the equation simplifies to
fVCO = (fREF/R) × (P × B) = fREF × N/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com