Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 14Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 15Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 16Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 17Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 18Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 19Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 20Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 21Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
AD9516-0
Rev. 0 | Page 18 of 84
Pin No.
Mnemonic
Description
55
OUT0
LVPECL Output; One Side of a Differential LVPECL Output.
53
OUT1
LVPECL Output; One Side of a Differential LVPECL Output.
52
OUT1
LVPECL Output; One Side of a Differential LVPECL Output.
43
OUT2
LVPECL Output; One Side of a Differential LVPECL Output.
42
OUT2
LVPECL Output; One Side of a Differential LVPECL Output.
40
OUT3
LVPECL Output; One Side of a Differential LVPECL Output.
39
OUT3
LVPECL Output; One Side of a Differential LVPECL Output.
25
OUT4
LVPECL Output; One Side of a Differential LVPECL Output.
26
OUT4
LVPECL Output; One Side of a Differential LVPECL Output.
28
OUT5
LVPECL Output; One Side of a Differential LVPECL Output.
29
OUT5
LVPECL Output; One Side of a Differential LVPECL Output.
48
OUT6 (OUT6A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
47
OUT6 (OUT6B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
46
OUT7 (OUT7A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
45
OUT7 (OUT7B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
33
OUT8 (OUT8A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
34
OUT8 (OUT8B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
35
OUT9 (OUT9A)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
36
OUT9 (OUT9B)
LVDS/CMOS Output; One Side of a Differential LVDS Output, or a Single-Ended CMOS Output.
58
RSET
Resistor Connected Here Sets Internal Bias Currents. Nominal value = 4.12 kΩ.
62
CPRSET
Resistor Connected Here Sets the CP Current Range. Nominal value = 5.1 kΩ.
63
REFIN (REF2)
Along with REFIN, this is the differential input for the PLL reference. Alternatively, this pin is a
single-ended input for REF2.
64
REFIN (REF1)
Along with REFIN, this is the differential input for the PLL reference. Alternatively, this pin is a
single-ended input for REF1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com