Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-0/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9516-0/PCBZ
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 19Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 20Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 21Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 22Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 23Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 24Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 25Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 26Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
AD9516-0
Rev. 0 | Page 23 of 84
–120
–130
–125
–135
–140
–145
–150
–155
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 31. Phase Noise (Additive) LVPECL @ 245.76 MHz, Divide-by-1
–110
–120
–130
–140
–150
–160
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 32. Phase Noise (Additive) LVPECL @ 200 MHz, Divide-by-5
–100
–110
–120
–130
–140
–150
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 33. Phase Noise (Additive) LVPECL @ 1600 MHz, Divide-by-1
–110
–160
–150
–140
–130
–120
10
100M
1k
10k
100k
1M
10M
100
FREQUENCY (Hz)
Figure 34. Phase Noise (Additive) LVDS @ 200 MHz, Divide-by-1
–100
–110
–120
–130
–140
–150
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 35. Phase Noise (Additive) LVDS @ 800 MHz, Divide-by-2
–120
–130
–140
–150
–160
–170
10
100M
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 36. Phase Noise (Additive) CMOS @ 50 MHz, Divide-by-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com