Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16204/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADIS16204
Rev. 0 | Page 3 of 24
SPECIFICATIONS
TA = −40oC to +105°C, VDD = 3.3 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Axis
Min
Typ
Max
Unit
ACCELEROMETER
Output Full-Scale Range
X
±70
g
Y
±37
g
Sensitivity
X
17.125
mg/LSB
Y
8.407
mg/LSB
Nonlinearity
0.2
%
Sensor-to-Sensor Alignment Error
0.1
Degrees
Cross-Axis Sensitivity
−5
+5
%
Resonant Frequency
24
kHz
OFFSET
Zero-g Output1
X
0.2
g
Y
0.2
g
NOISE
Noise Density
10 Hz − 400 Hz, no postfiltering
1.8
mg/
√Hz
FREQUENCY RESPONSE
Sensor Bandwidth (−3 dB)
2-pole Bessel
360
400
440
Hz
Temperature Drift
|25°C − TMIN| or |TMAX − 25°C|
2
Hz
ACCELEROMETER SELF-TEST STATE2
Output Change When Active
At 25°C
X
254
LSB
Output Change When Active
Y
518
LSB
TEMPERATURE SENSOR
Output at 25°C
1278
LSB
Scale Factor
−2.13
LSB/°C
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity (INL)
±2
LSB
Differential Nonlinearity (DNL)
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
2.5
V
Input Capacitance
During acquisition
20
pF
ON-CHIP VOLTAGE REFERENCE
2.5
V
Accuracy
At 25°C
−10
+10
mV
Reference Temperature Coefficient
±40
ppm/oC
Output Impedance
70
Ω
DAC OUTPUT
5 kΩ/100 pF to GND
Resolution
12
Bits
Relative Accuracy
For Code 101 to Code 4095
4
LSB
Differential Nonlinearity (DNL)
1
LSB
Offset Error
±5
mV
Gain Error
±0.5
%
Output Range
0 to 2.5
V
Output Impedance
2
Ω
Output Settling Time
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com