Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADIS16204
Rev. 0 | Page 15 of 24
GLOBAL COMMANDS
The ADIS16204 provides global commands, which simplify
many common operations. The COMMAND register provides
command bits for each function. Writing a 1 to the assigned
command bit exercises its function. The flash update copies the
contents of all nonvolatile registers into their assigned, nonvolatile,
flash memory locations. This process takes approximately 50 ms
and requires a power supply that is within the specified operating
range. After waiting the appropriate time for the flash update to
complete, verify successful completion by reading the STATUS
register (Flash update error = zero, if successful). If the flash
update was not successful, reading this error bit will accomplish
two things: (1) alert system processor to try again, and (2) clear
the error flag, which is required for flash memory access.
The software reset command restarts the internal processor,
which loads all registers with the contents in their flash memory
locations. The DAC data latch command loads the contents of
AUX_DAC into the DAC latches. Because the AUX_DAC
contents must be updated one byte at a time, this command
ensures a stable DAC output voltage during updates.
Calibration Commands
The autonull command provides a simple method for removing
offset from the sensor outputs. This command takes separate
64-sample measurements for each axis (X, Y), then loads the
opposite value into each axis’ offset null register. The accuracy
of this operation depends on zero force or motion during the
64-sample timeframe. The factory calibration restore sets the
scale and offset null registers (XACCL_NULL, for example)
back to their default values. For more information on
ADIS16204 calibration, see the Calibration section.
Event Capture Commands
The COMMAND register provides four different functions that
simplify the process of using the event capture function. The
reset-capture pointer function sets the contents of the capture
pointer to its initial value of 0x0001. The clear capture flash,
clear capture buffer, and capture flash copy commands are self-
descriptive. The capture flash copy takes approximately 120 ms
to complete and serves the purpose of copying the capture buffer
into nonvolatile flash memory. See the Alarm Detection and
Event Capture section for more information.
Table 8. COMMAND Register Definition
Address
Default
Format
Access
0x3F, 0x3E
N/A
N/A
W only
Table 9. COMMAND Bit Descriptions
Bit
Description
15:11
Not used
10
Reset capture pointer (set CAPT_PNTR to 0x0001)
9
Clear capture flash (nonvolatile back-up)
8
Clear capture buffer (SRAM)
7
Software reset
6
Copy capture buffer to nonvolatile flash
5
Clear peak output registers, (reset them to 0x0000)
4
Clear status register (reset all bits to 0)
3
Flash update—saves nonvolatile register settings
2
DAC data latch
1
Factory calibration restore
0
Autonull
CALIBRATION
In addition to the factory calibration, the ADIS16204 provides
a user configurable calibration for systems that require accuracy
improvements. For example, a vehicle system may require better
resolution to separate a minor bump from a hard brake event.
In cases like this, the ADIS16204 provides configuration registers
that adjust both offset and sensitivity (gain) on both X- and
Y-axes. The following relationship describes the calibration
function:
y = mx + b
where:
y is the calibrated output data.
m is the scale factor multiplier [XACCL_SCALE/YACCL_SCALE].
x is the precalibration data.
b is the offset adder [XACCL_NULL/YACCL_NULL].
Assuming zero offset and nominal scale factor (sensitivity),
the offset adjustment range for the X-axis is ±35.054 g and
±17.527 g for the Y-axis. Assuming zero offset, the scale factor
adjustment range is 0 to 2.
Table 10. XACCL_NULL Register Definition
Address
Scale1
Default
Format
Access
0x11, 0x10
17.125 mg
0x0000
Twos
complement
R/W
1 Scale is the weight of each LSB.
Table 11. YACCL_NULL Register Definition
Address
Scale1
Default
Format
Access
0x13, 0x12
8.407 mg
0x0000
Twos
complement
R/W
1 Scale is the weight of each LSB.
Table 12. XACCL_SCALE Register Definition
Address
Scale1
Default2
Format
Access
0x15, 0x14
0.0488%
0x0800
Binary
R/W
1 Scale is the weight of each LSB.
2 Equates to a scale factor of one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com