Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADIS16204
Rev. 0 | Page 11 of 24
AUXILIARY ADC FUNCTION
The auxiliary ADC function integrates a standard 12-bit ADC
into the ADIS16204 to digitize other system-level analog sig-
nals. The output of the ADC can be monitored through the
AUX_ADC control register, as defined in Table 6. The ADC is
a 12-bit successive approximation converter. The output data
is presented in straight binary format with the full-scale range
extending from 0 V to VREF. A high precision, low drift, factory
calibrated 2.5 V reference is also provided.
Figure 20 shows the equivalent circuit of the analog input struc-
ture of the ADC. The input capacitor (C1) is typically 4 pF and
can be attributed to parasitic package capacitance. The two diodes
provide ESD protection for the analog input. Care must be
taken to ensure that the analog input signals never exceed the
supply rails by more than 300 mV. This causes the diodes to
become forward-biased and to start conducting. The diodes
can handle 10 mA without causing irreversible damage. The
resistor is a lumped component that represents the on resistance
of the switches. The value of this resistance is typically 100 Ω.
Capacitor C2 represents the ADC sampling capacitor and is
typically 16 pF.
C2
C1
R1
VDD
D
D
Figure 20. Equivalent Analog Input Circuit
Conversion Phase: Switch Open
Track Phase: Switch Closed
For ac applications, removing high frequency components from
the analog input signal is recommended by the use of a low-pass
filter on the analog input pin.
In applications where harmonic distortion and signal-to-noise
ratio are critical, the analog input must be driven from a low
impedance source. Large source impedances significantly affect
the ac performance of the ADC. This can necessitate the use of
an input buffer amplifier. When no input amplifier is used to drive
the analog input, the source impedance should be limited to
values lower than 1 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com