Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADIS16204
Rev. 0 | Page 20 of 24
2.
Configure the Capture Back-up Memory.
Setting Bit 11 of the MSC_CTRL register to a 1 enables the
event capture back-up function, effectively making it nonvolatile.
When enabled, this function copies the contents of the capture
buffer (right after it fills) to flash memory and restores it upon
reset or powering the device on. It continues to do so until the
buffer is cleared, using the COMMAND register. To enable this
feature, use the following pseudo code:
•
Write 0x08 to Address 0x35 [MSC_CTRL].
3.
Clear The Capture Memory Locations.
Use the following pseudo code to clear both the normal capture
locations (SRAM) and their respective flash memory locations:
•
Write 0x03 to Address 0x3F [COMMAND].
4.
Set Up A Digital I/O Line As An Alarm Indicator.
5.
Set Each Alarm As A Trigger Source For The Buffer.
These steps require configuration of the lower byte in the
ALM_CTRL register. The following pseudo code establishes
Digital I/O Line 2 as a positive signal, alarm indicator, if
necessary. It also arms both triggers for the event recorder.
•
Write 0x57 to Address 0x28 [ALM_CTRL].
If a digital alarm indicator function were not required, the
pseudo code would be:
•
Write 0x50 to Address 0x28 [ALM_CTRL].
Table 35. CAPT_CFG Register Definition
Address
Scale
Default
Format
Access
0x39, 0x38
N/A
0x327A
N/A
R/W
Table 36. CAPT_CFG Bit Descriptions
Bit
Description
15:12
Data source for Capture Buffer 2
0001= power supply
0010= X-axis acceleration
0011= Y-axis acceleration
0100= auxiliary ADC
0101= temperature sensor
1000= XY RSS acceleration
11:8
Data source for Capture Buffer 1
(See Capture Buffer 2 for binary coding)
7:4
Pretrigger Length:
Power of two setting determines length.
0111b = 7d, which corresponds to 27 = 128 samples. If
this setting is greater than the data length, its value is
truncated and all captured samples are prior to the trigger
3:0
Capture buffer length:
Power of two setting determine length.
1010b = 10d, which corresponds to 210 = 1024 samples.
The lowest setting is a 3, which corresponds to 8
samples
Event Capture Data Access
Two output registers provide the necessary access for the
ADIS16204’s capture buffers: CAPT_BUF_1 and CAPT_BUF_2.
At the completion of a capture event, the contents of theses
registers contain the first sample from each buffer. Figure 25
provides a diagram that displays the role played by the
CAPT_PNTR register in this process. This register provides a
pointer function and automatically increments every time
one of the CAP_BUF_x registers are read. If efficient data
transfer rates are a primary goal, then read all of the contents
of one buffer, before moving to the other buffer. Because the
CAPT_PNTR offers both read and write access, individual
buffer locations can be accessed by writing the sample number
into this register.
CAPT_PNTR
BUFFER 1
BUFFER 2
CAPT_BUF_1
CAPT_BUF_2
USER ACCESIBLE
INTERNAL MEMORY STRUCUTRE
Figure 25. Event Capture Buffer Memory Structure
Table 37. Capture Register Definitions
Address
Address
Format
Access
CAPT_BUF_1
0x1D, 0x1C
CAPT_BUF_2
0x1E, 0x1F
The format and scale
match that of the
output data being
monitored
R only
Table 38. CAPT_BUF_1 and CAPT_BUF_2 Bit Descriptions
Bit
Description
15
Not used
14
Error/alarm condition (use to identify transition between
pre-trigger and post-trigger data)
13:0
Data bits. Format matches that of the data source
Table 39. CAPT_PNTR Register Definition
Address
Scale
Default
Format
Access
0x2B, 0x2A
N/A
N/A
Binary
R/W
Table 40. CAPT_PNTR Bit Descriptions
Bit
Description
15:11
Not used
10:0
Capture address pointer: A binary number from 1 to
1024, which identifies the address of each individual
capture buffer sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com