Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADIS16204
Rev. 0 | Page 9 of 24
0
5
10
15
20
25
30
0.0170
0.0172
0.0174
0.0176
0.0178
0.0180
SENSITIVITY (g/LSB)
Figure 12. X-Axis Sensitivity Distribution
SUPPLY VOLTAGE (V)
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
HIGH PERFORMANCE MODE
NORMAL MODE
0
5
10
15
20
25
30
35
40
Figure 13. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
–50
–35
–20
–5
10
25
40
55
70
85
100
0
400
300
200
100
+1 SIGMA
–1 SIGMA
Figure 14. Sleep Current vs. Temperature
4.3
4.5
4.1
3.9
3.7
3.5
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
Figure 15. Self-Test Response (X and Y Axes) vs. Temperature
0
20
406080
100
120
–50
0
50
100
150
200
SAMPLE
X_ACCL
Y_ACCL
ACTUAL ACCELERATION PROFILE
Figure 16. Overrange Recovery, Sample Rate = 4096 SPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com