Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADIS16204
Rev. 0 | Page 19 of 24
Table 29. Alarm and Event Capture Configuration Registers
Register
Parameter/Function
Default Setting
ALM_CTRL
Alarm trigger source
None
ALM_CTRL
Capture buffer triggers
Disabled
ALM_CTRL
Digital alarm output
Disabled
ALM_MAG1/
ALM_MAG 2
Alarm trigger levels
0
ALM_MAG1/
ALM_MAG 2
Alarm trigger directions
Less than
CAPT_CFG
Capture data sources
1: X acceleration
2: Y acceleration
CAPT_CFG
Capture buffer size
1024 samples
CAPT_CFG
Pretrigger data size
128 samples
COMMAND
Reset capture pointer
N/A
COMMAND
Clear capture buffer
N/A
COMMAND
Clear capture flash
N/A
COMMAND
Clear buffer full flag
N/A
COMMAND
Save captured data to
nonvolatile flash
N/A
MSC_CTRL
Autosave captured
data to nonvolatile flash
Disabled
SMPL_PRD
Sample rate
4096 SPS
Table 30. ALM_CTRL Register Definition
Address
Default
Format
Access
0x29, 0x28
0x0000
N/A
R/W
Table 31. ALM_CTRL Bit Descriptions
Bit
Value
Description
15:12
Trigger source selection, Alarm 2
0000
Disable
0001
Power supply
0010
X-acceleration
0011
Y-acceleration
0100
Auxiliary ADC
0101
Temperature sensor
1000
XY RSS acceleration
11:8
Trigger source selection, Alarm 1 (See Alarm2)
7
Not used
6
Capture trigger activation, Alarm 2
1 = enabled, 0 = disabled
5
Not used
4
Capture trigger activation, Alarm 1
1 = enabled, 0 = disabled
3
Not used
2
Alarm indicator, using DIO1/2
1 = enabled, 0 = disabled
1
Alarm indicator polarity
1 = active high, 0 = active low
0
Alarm indicator line selection
1 = DIO2, 0 = DIO1
Table 32. ALM_MAG1 Register Definition
Address
Default
Format
Access
0x21, 0x20
0x0000
N/A
R/W
Table 33. ALM_MAG2 Register Definition
Address
Default
Format
Access
0x23, 0x22
0x0000
N/A
R/W
Table 34. ALM_MAG1/ALM_MAG 2 Bit Designations
Bit
Description
15
Comparison polarity
1 = greater than, 0 = less than
14
Not used
13:0
Data bits: format matches source data format
(see Table 5 and Table 6)
Event Capture Overview
The ADIS16204 also provides a dual-channel, capture function.
Figure 24 provides an example of a captured waveform. A dedi-
cated set of programmable control registers govern the operation
of this function, controlling the data source: trigger settings
(level, direction and data source), memory depth, pretrigger
data length, and data storage. In systems that require specific
event monitoring, this feature simplifies system integration by
reducing the burden on the system’s processor. One convenient
feature is the fact that the trigger source does not have to be the
data that is captured.
5
10
15
20
0
–5
–15
–10
–20
0
100
200
300
400
500
600
700
800
900
1000
SAMPLE –
fs = 4096SPS
TRIGGER THRESHOLD: 7.4g
DATA SOURCE: Y-AXIS ACCELERATION
PRE-TRIGGER
DATA
LENGTH
Figure 24. Event Capture Example
Event Capture Configuration
The event capture buffers use the alarms as their trigger source.
Therefore, the first two configuration steps are the same. After
setting the trigger data source(s) and threshold(s), follow these
steps to complete the event capture setup:
1.
Program The Data Source To Capture.
This requires a single write cycle, to configure the upper byte of
the CAPT_CFG register. For example, use the following pseudo
code to set X acceleration and Y acceleration as the data sources
for Capture Buffer 2 and Capture Buffer 1 respectively:
•
Write 0x23 to Address 0x39 [CAPT_CFG].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com