Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADIS16204
Rev. 0 | Page 16 of 24
Table 13. YACCL_SCALE Register Definition
Address
Scale1
Default2
Format
Access
0x17, 0x16
0.0488%
0x0800
Binary
R/W
1 Scale is the weight of each LSB.
2 Equates to a scale factor of one.
Table 14. Calibration Register Bit Descriptions
Bit
Description
15:12
Not used
11:0
Data bits
OPERATIONAL CONTROL
Internal Sample Rate
The internal sample rate defines how often data output variables
are updated, independent of the rate at which they are read out
on the SPI port. The SMPL_PRD register controls the ADIS16204
internal sample rate and has two parts: a selectable time base and
a multiplier. The following relationship produces the sample rate:
TS = TB × (N
B
S
+ 1)
where:
TS is the sample period.
TB is the time base.
N
B
S
is the increment setting.
The default value is the maximum 4096 SPS, and the contents of
this register are nonvolatile.
Table 15. SMPL_PRD Register Definition
Address
Default
Format
Access
0x37, 0x36
0x0001
N/A
R/W
Table 16. SMPL_PRD Bit Descriptions
Bit
Description
15:8
Not used
7
Time base
0 = 122.07 μs, 1 = 3.784 ms
6:0
Multiplier
Here is an example calculation of the sample period for the
ADIS16204:
If SMPL_PRD = 0x0007, B7 − B0 = 00000111
B7 = 0 → TB = 122.07 μs
B
B6…B0 = 000000111 → NS = 7
TS = TB × (N
B
S
+ 1) = 122.07 μs × (7 + 1) = 976.56 μs
fS = 1∕TS = 1024 SPS
The sample rate setting has a direct impact on the SPI data
rate capability. For sample rates of 1024 SPS and above, the SPI
SCLK can run at a rate up to 2.5 MHz. For sample rates below
1024 SPS, the SPI SCLK can run at a rate up to 1 MHz.
The sample rate setting also affects the power dissipation.
When the sample rate is set below 1024 SPS, the power
dissipation typically reduces by a factor of 68%. The two
different modes of operation offer a system-level trade-off
between performance (sample rate, serial transfer rate) and
power dissipation.
Power Management
In addition to offering two different performance modes for
power optimization, the ADIS16204 offers a programmable
shutdown period. Writing the appropriate sleep time to the
SLP_CNT register shuts the device down for the specified
time. The following example provides an illustration of this
relationship:
B7 … B0 = 00000110
Sleep period = 3 seconds
After completing the sleep period, the ADIS16204 returns to
normal operation.
Table 17. SLP_CNT Register Definition
Address
Scale1
Default
Format
Access
0x3B, 0x3A
0.5 sec
0x0000
Binary
W only
1 Scale is the weight of each LSB.
Table 18. SLP_CNT Bit Descriptions
Bit
Description
15:8
Not used
7:0
Data bits
Auxiliary DAC
The auxiliary DAC provides a 12-bit level adjustment function.
The AUX_DAC register controls the operation of this feature.
It offers a rail-to-rail buffered output that has a range of 0 V to
2.5 V. The DAC can drive its output to within 5 mV of the
ground reference when it is not sinking current. As the output
approaches ground, the linearity begins to degrade (100 LSB
beginning point). As the sink current increases, the nonlinear
range increases. The DAC output latch function, contained in
the COMMAND register, provides continuous operation while
writing to each byte of this register. The contents of this register
are volatile, which means that the desired output level must be
set after every reset and power cycle event.
Table 19. AUX_DAC Register Definition
Address
Scale1
Default
Format
Access
0x31, 0x30
0.6105 mV
0x0000
Binary
R/W
1 Scale is the weight of each LSB. In this case, it represents 4095 codes over
the 2.5 V range out of output voltage.
Table 20. AUX_DAC Bit Descriptions
Bit
Description
15:12
Not used
11:0
Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com