Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADIS16204
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
SCLK
DOUT
DIN
CS
AUX DAC
NC
NC
RST
ADIS16204
TOP
VIEW
(Not to Scale)
1
X
Y
4
3
2
12
9
10
11
56
7
8
13
16
15
14
NOTES
1. PINS ARE NOT VISIBLE FROM THE TOP VIEW. THEY ARE
SHOWN FOR CONVENIENCE IN CREATING CAD LIBRARY
PARTS.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
SCLK
I
SPI, Serial Clock.
2
DOUT
O
SPI, Data Out.
3
DIN
I
SPI, Data In.
4
CS
I
SPI, Chip Select, Active Low.
5, 6
DIO1, DIO2
I/O
Multifunction Digital Input/Output Pins.
7, 8, 10, 11
NC
–
No Connect.
9
RST
I
Reset, Active Low. This input resets the embedded microcontroller to a known state.
12
AUX DAC
O
Auxiliary DAC Analog Voltage Output.
13
VDD
S
+3.3 V Power Supply.
14
AUX ADC
I
Auxiliary ADC Analog Input Voltage.
15
VREF
O
Precision Reference Output.
16
COM
S
Common. Reference point for all circuitry.
1 S = supply; O = output; I = input.
RECOMMENDED PAD GEOMETRY
0.670
12×
1.127
16×
4.1865
8×
2.6955
8×
5.391
4×
8.373
2×
0.500
16×
9.2mm × 9.2mm STACKED LGA PACKAGE
Figure 5. Example of a Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com