Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADIS16204
Rev. 0 | Page 13 of 24
DATA OUTPUT REGISTER ACCESS
Table 6 provides an overview of each data output register,
along with their function, address, and relevant decoding
information.
Sensor Output Data
The ADIS16204 provides access to X- and Y-axis acceleration
measurements, combined accelerations measurements (root
sum square of X and Y), peak acceleration, power supply meas-
urements, temperature measurements, an auxiliary 12-bit
ADC channel, and the event-capture buffer memory.
Peak Sample and Hold Output Registers
The ADIS16204 monitors the X, Y and XY acceleration
measurements and holds the maximum value and polarity
for each parameter. The X_PEAK_OUT, Y_PEAK_OUT, and
XY_PEAK_OUT registers provide access to these maximum
values. See the COMMAND register for clearing these registers.
Register Access
This output data is continuously updating internally, regardless
of user read rates. The bit map in Table 5 describes the structure of
all output data registers in the ADIS16204. The upper byte is
always first in register read sequences.
Table 5. Output Bit Assignments
MSB
LSB
ND
EA
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
The MSB holds the new data (ND) indicator. When the output
registers are updated with new data, the ND bit goes to a 1 state.
After the output data is read, it returns to a 0 state. The EA bit
is used to indicate a system error or an alarm condition that
can result from a number of conditions, such as a power supply
that is out of the specified operating range (see the Status and
Diagnostics section for more details). The output data is either
12 bits or 14 bits in length. For all of the 12-bit output data,
Bit D13 and Bit D12 are assigned don’t care status.
The output data register map is located in Table 6 and provides
all of the necessary details for accessing each register’s data.
Figure 23 provides an example of the SPI sequence.
Table 6. Data Output Register Information
Name
Function
Register
Resolution (Bits)
Data Format
Scale Factor
(per LSB)
SUPPLY_OUT
Power supply
0x03, 0x02
12
Binary
1.22 mV
XACCL_OUT
X-axis acceleration
0x05, 0x04
14
Twos complement
17.125 mg
YACCL_OUT
Y-axis acceleration
0x07, 0x06
14
Twos complement
8.407 mg
AUX_ADC
Auxiliary analog input data
0x09, 0x08
12
Binary
0.61 mV
TEMP_OUT1
Sensor temperature data
0x0B, 0x0A
12
Binary
−0.47°C
X_PEAK_OUT2
Peak, X-axis acceleration
0x0D, 0x0C
14
Twos complement
17.125 mg
Y_PEAK_OUT2
Peak, Y-axis acceleration
0x0F, 0x0E
14
Twos complement
8.407 mg
XY_RSS_OUT3
X-Y combined acceleration (RSS)
0x19, 0x18
14
Binary
17.125 mg
XY_PEAK_OUT2,3
Peak, X-Y combined output (RSS)
0x1B, 0x1A
14
Binary
17.125 mg
CAPT_BUF_14
Capture Buffer 1 Output Register
0x1D, 0x1C
CAPT_BUF_24
Capture Buffer 2 Output Register
0x1F, 0x1E
See the Alarm Detection and Event Capture section, Table 37,
and Table 38
1 25°C, nominal output is equal to 1278 LSB.
2 The peak levels in these registers accumulate, storing the greatest value measured (polarity is captured—except for XY_PEAK_OUT), until they are cleared using the
COMMAND register.
3 This is a measure of the total shock absorbed by the package in the XY plane, and is the result of a root sum square of X and Y acceleration measurements.
4 See the Alarm Detection and Event Capture section for more details.
CS
SCLK
DIN
DOUT
ADDRESS = 000101
W/R BIT = 0
DATA = 1011 1101 1101 1110
NEW DATA, NO ALARM, XACCL_OUT = –10.377g
Figure 23. Example of an Output Timing/Coding Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com