Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADIS16204
Rev. 0 | Page 14 of 24
PROGRAMMING AND CONTROL
CONTROL REGISTER OVERVIEW
The ADIS16204 offers many programmable features controlled
by writing commands to the appropriate control registers. The
following features are available for configuration:
•
Global commands
•
Calibration
•
Operational control
•
Sample rate
•
Power management
•
DAC output
•
Digital I/O
•
Operational status and diagnostics
•
Self-test
•
Status conditions
•
Alarms
•
Event capture
CONTROL REGISTER STRUCTURE
The ADIS16204 uses a temporary, SRAM-based memory struc-
ture to facilitate the control registers displayed in Table 7. The
start-up configuration is stored in a flash memory structure that
automatically loads into the control registers during the start-up
sequence. Each nonvolatile register has a corresponding flash
memory location for storing the latest configuration contents.
Because flash memory has endurance limitations, the contents
of each nonvolatile register must be stored to flash manually.
Note that the contents of the control register are only nonvola-
tile when they are stored to flash. The flash update command,
made available in the COMMAND register, provides this function.
The ENDURANCE register provides a counter, which allows
for memory reliability management against the flash memory’s
write cycle specification.
Table 7. Control Register Mapping
Name
Type
Volatility1
Address
Bytes
Function
Reference Table
ENDURANCE
R
Nonvolatile
0x01, 0x00
2
Flash memory write counter
Table 26
0x02 to 0x0F
14
Output data registers
Table 6
XACCL_NULL
R/W
Nonvolatile
0x11, 0x10
2
X-axis offset null calibration register
Table 10
YACCL_NULL
R/W
Nonvolatile
0x13, 0x12
2
Y-axis offset null calibration register
Table 11
XACCL_SCALE
R/W
Nonvolatile
0x15, 0x14
2
X-axis scale factor calibration register
Table 12
YACCL_SCALE
R/W
Nonvolatile
0x17, 0x16
2
Y-axis scale factor calibration register
Table 13
0x18 to to 0x1B
4
Output data registers
Table 6
CAP_BUF_1
R
Volatile
0x1D, 0x1C
2
Capture buffer output register 1
Table 37, Table 38
CAP_BUF_2
R
Volatile
0x1F, 0x1E
2
Capture buffer output register 2
Table 37, Table 38
ALM_MAG1
R/W
Nonvolatile
0x21, 0x20
2
Alarm 1 amplitude threshold
Table 32, Table 34
ALM_MAG2
R/W
Nonvolatile
0x23, 0x22
2
Alarm 2 amplitude threshold
Table 33, Table 34
0x24 to 0x27
2
Reserved
ALM_CTRL
R/W
Nonvolatile
0x29, 0x28
2
Alarm source control register
Table 30, Table 31
CAPT_PNTR
R/W
Volatile
0x2B, 0x2A
2
Capture register address pointer
Table 39, Table 40
0x2A to 0x2F
6
Reserved
AUX_DAC
R/W
Volatile
0x31, 0x30
2
Auxiliary DAC data
Table 19, Table 20
GPIO_CTRL
R/W
Volatile
0x33, 0x32
2
Auxiliary digital I/O control register
Table 21, Table 22
MSC_CTRL
R/W
Nonvolatile2
0x35, 0x34
2
Miscellaneous control register
Table 24, Table 25
SMPL_PRD
R/W
Nonvolatile
0x37, 0x36
2
ADC sample period control register
Table 15, Table 16
CAPT_CFG
R/W
Nonvolatile
0x39, 0x38
2
Capture configuration register
Table 35, Table 36
SLP_CNT
W
Volatile
0x3B, 0x3A
2
Counter used to determine length of
power-down mode
Table 17, Table 18
STATUS
R
Volatile
0x3D, 0x3C
2
System status register
Table 27, Table 28
COMMAND
W
N/A
0x3F, 0x3E
2
System command register
Table 8, Table 9
1 In order to establish nonvolatile status, the flash memory must be updated after updating the control registers.
2 Bit 8 clears after the internal self-test sequence completes, effectively making this bit volatile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com