Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADIS16204
Rev. 0 | Page 17 of 24
General-Purpose I/O
The ADIS16204 provides two general-purpose pins that
enable digital I/O control using the SPI. The GPIO_CTRL
control register establishes the configuration of these pins
and handles the SPI-to-pin controls. Each pin provides the
flexibility of both input (read) and output (write) operations.
For example, writing a 0x0202 to this register establishes Line 1
as an input and Line 2 as an output that is in a 1 state. Writing
0x0000 to this register establishes both lines as inputs. When
one (or both) of these lines is configured as an input, reading
the assigned bit (Bit 8 and/or Bit 9) provides access to the input
on this input pin.
The digital I/O lines are also available for data-ready and alarm/
error indications. In the event of conflict, the following priority
structure governs the digital I/O configuration:
1.
GPIO_CTRL
2.
MSC_CTRL
3.
ALM_CTRL
Table 21. GPIO_CTRL Register Definition
Address
Default
Format
Access
0x33, 0x32
0x0000
N/A
R/W
Table 22. GPIO_CTRL Bit Descriptions
Bit
Description
15:10
Not used
9
General-purpose I/O Line 2 polarity
1 = high, 0 = low
8
General-purpose I/O Line 1 polarity
1 = high, 0 = low
7:2
Not used
1
General-purpose I/O Line 2, data direction control
1 = output, 0 = input
0
General-purpose I/O Line 1, data direction control
1 = output, 0 = input
STATUS AND DIAGNOSTICS
The ADIS16204 provides a number of status and diagnostic
functions. Table 23 provides a summary of these functions,
along with their appropriate control registers.
Table 23. Status and Diagnostic Functions
Function
Register
Data-ready I/O indicator
MSC_CTRL
Self-test, mechanical check for MEMS sensor
MSC_CTRL
Software check for error conditions
STATUS
Flash memory endurance
ENDURANCE
Data-Ready I/O Indicator
The data-ready function provides an indication of new output
data. The MSC_CTRL register provides the opportunity to
configure either of the general-purpose I/O pins (DIO1 and DIO2)
as a data-ready indicator signal. When configured as a data ready
indicator, the duty cycle is 20% (±10% tolerance).
Self-Test
The MSC_CTRL register also provides a self-test function
that verifies the mechanical integrity of the MEMS sensor. Self-
test exercises the mechanical structure and signal conditioning
circuit: from sensor element to data out. The internal test provides
a simple, two-step process for checking the MEMS sensor: (1)
start the process by writing a 1 to Bit 8 in the MSC_CTRL
register, (2) wait 35 ms, and (3) check the result by reading
Bit 5 of the STATUS register.
The device is configured to perform a self-test at power on.
Writing a 1 to Bit 10 of the MSC_CTRL register disables this
function for future start-up sequences, reducing the start-up
time. For reference, the result of the electrostatic deflection
of each axis is available by reading the XACCL_OUT and/or
YACCL_OUT registers. As an additional indicator of self-test,
the new data bit is not active while in this mode.
Table 24. MSC_CTRL Register Definition
Address
Default
Format
Access
0x35, 0x34
0x0000
N/A
R/W
Table 25. MSC_CTRL Bit Descriptions
Bit
Description
15:12
Not used
11
Store capture to flash after capture buffer fills up
1 = enabled, 0 = disabled
10
Self-test at power-on:
1 = disabled, 0 = enabled
9
Not used
8
Self-test enable (temporary, bit is volatile)
1 = enabled, 0 = disabled
7:3
Not used
2
Data-ready enable
1 = enabled, 0 = disabled
1
Data-ready polarity
1 = active high, 0 = active low
0
Data-ready line select:
1 = DIO2, 0 = DIO1
Flash Memory Endurance
The ENDURANCE register maintains a running count of writes to
the flash memory. This provides a convenient tool for managing
the reliability of the on-chip memory. Once it reaches its maxi-
mum value of 32,767, it wraps around to zero and starts over.
Table 26. ENDURANCE Register Definition
Address
Default
Format
Access
0x01, 0x00
N/A
Binary
R only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com