Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADIS16204
Rev. 0 | Page 12 of 24
BASIC OPERATION
The ADIS16204 is designed for simple integration into industrial
system designs, requiring only a power supply and a 4-wire,
industry-standard SPI. The SPI provides access to the ADIS16204’s
register structure, which controls access to all sensor output data
and controls for the device’s programmable features. Each register
is 16 bits in length and has its own unique bit map. The 16 bits
in each register consist of an upper byte (Bit 8 to Bit 15) and a
lower byte (Bit 0 to Bit 7), each of which has its own 6-bit address.
SERIAL PERIPHERAL INTERFACE
The ADIS16204 SPI port includes four signals: chip select
(CS), serial clock (SCLK), data input (DIN), and data output
(DOUT). The CS line enables the ADIS16204 SPI port and
frames each SPI event. When this signal is high, the DOUT
lines are in a high impedance state and the signals on DIN
and SCLK have no impact on operation. A complete data frame
contains 16 clock cycles. Because the SPI port operates in full
duplex mode, it supports simultaneous, 16-bit receive (DIN)
and transmit (DOUT) functions during the same data frame.
See Table 2, Figure 2, and Figure 3 for detailed timing and
operation of the SPI port.
Writing to Registers
Figure 21 displays a typical data frame for writing a command
to a control register. In this case, the first bit of the DIN sequence
is a 1, followed by a 0, the 6-bit address, and the 8-bit data com-
mand. Because each write command covers a single byte of
data, two data frames are required when writing to the entire
16-bit space of a register. The DIN bits clock into the ADIS16204
on the rising edge of SCLK.
Reading from Registers
Reading the contents of a register requires a modification to
the sequence in the DIN sequence Figure 21. As shown in
Figure 22, the first two bits in the DIN sequence are 0, followed
by six address bits. Each register has two addresses (upper, lower),
but either one can be used to access its entire 16 bits of data. The
final 8 bits of the DIN sequence are irrelevant and can be counted
as don’t cares during a read command. During the next data
frame, the DOUT sequence contains the register’s 16-bit data.
The ADIS16204 clocks out the first DOUT bit on the falling edge
of the CS line and clocks out the rest of the DOUT bits on the
falling edges of the SCLK signal. Although a single read command
requires two separate data frames, the full duplex mode mini-
mizes this overhead, requiring only one extra data frame when
continuously sampling.
CS
SCLK
DIN
W/R
A5
A4
A3
A2
A1
A0
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
DATA FRAME
WRITE = 1
READ = 0
REGISTER ADDRESS
DATA FOR WRITE COMMANDS
DON’T CARE FOR READ COMMANDS
Figure 21. DIN Bit Sequence
ADDRESS
DON’T CARE
NEXT COMMAND
BASED ON PREVIOUS COMMAND
DATA FRAME
16-BIT REGISTER CONTENTS
CS
SCLK
DIN
DOUT
W/R BIT
ZERO
DATA FRAME
Figure 22. SPI Sequence for Read Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com