Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16204/PCBZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16204/PCBZ
Description  Programmable High-g Digital Impact Sensor and Recorder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16204/PCBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16204/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16204/PCBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADIS16204
Rev. 0 | Page 10 of 24
THEORY OF OPERATION
OVERVIEW
The ADIS16204 integrates a dual-axis ±70 g/±37 g MEMS
acceleration sensor into a complete impact/shock measurement
and recording system. The integrated mixed signal processing
circuit digitizes the sensor data, applies corrections factors,
provides many user-programmable features, and offers a simple
communication conduit: the serial peripheral interface (SPI).
ACCELERATION SENSOR
The ADIS16204 base sensor core provides a fully differential
sensor structure and circuit path, resulting in substantial
rejection of electromagnetic interference (EMI) effects. It
uses electrical feedback with zero-force feedback for improved
accuracy and stability. The sensor’s resonant frequency is well
beyond the cut-off frequency of the filter, which adds further
noise rejection to the sensor signal conditioning circuit.
UNIT
SENSING
CELL
MOVABLE
FRAME
FIXED
PLATES
UNIT
FORCING
CELL
ANCHOR
MOVING
PLATE
PLATE
CAPACITORS
ANCHOR
Figure 17. Simplified View of Sensor Under Acceleration
Figure 17 is a simplified view of one of the differential sensor
elements. Each sensor includes several differential capacitor
unit cells. Each cell is composed of fixed plates attached to the
substrate and movable plates attached to the frame. Displace-
ment of the frame changes the differential capacitance, which
is measured by the on-chip circuitry.
Complementary 200 kHz square waves drive the fixed plates.
Electrical feedback adjusts the amplitudes of the square waves
such that the ac signal on the moving plates is 0 V. The feedback
signal is linearly proportional to the applied acceleration. This
unique feedback technique ensures that there is no net electro-
static force applied to the sensor. The differential feedback control
signal is also applied to the input of the filter, where it is filtered
and converted to a single-ended signal.
TEMPERATURE SENSOR
This sensor reflects the sensor’s junction temperature and
provides a convenient temperature measurement for system-
level characterization and calibration feedback.
IMPACT/SHOCK RESPONSE
The sensor’s mechanical structure provides a linear meas-
urement range that is 8 times that of each axis’ actual output
measurement range. Therefore, when considering the response
to high-g, short duration events, the 2-pole, 400 Hz, low-pass
Bessel filter network influences the output response. Figure 18
provides a frequency response for this signal chain. In Figure 19,
the X-axis accelerometer experiences a 560 g shock event that
lasts 0.1 ms, causing the output response to reach 70 g. For users
that need to avoid output saturation, keeping the integration of
the event’s acceleration response (acceleration-time product in
the case of Figure 19) below 56 g-ms is critical.
10
0
–20
–10
–30
–40
–50
10
100
1k
10k
FREQUENCY (Hz)
X: 418.9
Y: –3.291
Figure 18. ADIS16204 Frequency Response
0
50
100
150
200
250
300
350
400
450
500
550
600
–0.50 –0.25
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
TIME (ms)
560g, 0.1ms, SIMULATED SHOCK
70g, FILTERED RESPONSE
Figure 19. ADIS16204 Shock Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com