Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 107 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 107 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 103Page - Texas Instruments ADC3908CSSS Datasheet HTML 104Page - Texas Instruments ADC3908CSSS Datasheet HTML 105Page - Texas Instruments ADC3908CSSS Datasheet HTML 106Page - Texas Instruments ADC3908CSSS Datasheet HTML 107Page - Texas Instruments ADC3908CSSS Datasheet HTML 108Page - Texas Instruments ADC3908CSSS Datasheet HTML 109Page - Texas Instruments ADC3908CSSS Datasheet HTML 110Page - Texas Instruments ADC3908CSSS Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 131 page
background image
Table 6-235. 0x193 Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
STATS_MIN_N3_CHA__1
1:8
R
0h
Minimum value on channel A in window N-3
6.6.2.145 0x194 Register (Address = 194h) [Reset = 00h]
Return to the Summary Table.
Table 6-236. 0x194 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_MIN_N3_CHB__7:
0
R
0h
Minimum value on channel B in window N-3
6.6.2.146 0x195 Register (Address = 195h) [Reset = 0h]
Return to the Summary Table.
Table 6-237. 0x195 Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
STATS_MIN_N3_CHB__1
1:8
R
0h
Minimum value on channel B in window N-3
6.6.2.147 0x198 Register (Address = 198h) [Reset = FFh]
Return to the Summary Table.
Table 6-238. 0x198 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_THRESHOLD_HI_
CHA__7:0
R/W
FFh
Statistics engine high threshold for channel A
6.6.2.148 0x199 Register (Address = 199h) [Reset = Fh]
Return to the Summary Table.
Table 6-239. 0x199 Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
STATS_THRESHOLD_HI_
CHA__11:8
R/W
Fh
Statistics engine high threshold for channel A
6.6.2.149 0x19A Register (Address = 19Ah) [Reset = FFh]
Return to the Summary Table.
Table 6-240. 0x19A Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
STATS_THRESHOLD_HI_
CHB__7:0
R/W
FFh
Statistics engine high threshold for channel B
6.6.2.150 0x19B Register (Address = 19Bh) [Reset = Fh]
Return to the Summary Table.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com