Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 28Page - Exar Corporation XRT86VL34 Datasheet HTML 29Page - Exar Corporation XRT86VL34 Datasheet HTML 30Page - Exar Corporation XRT86VL34 Datasheet HTML 31Page - Exar Corporation XRT86VL34 Datasheet HTML 32Page - Exar Corporation XRT86VL34 Datasheet HTML 33Page - Exar Corporation XRT86VL34 Datasheet HTML 34Page - Exar Corporation XRT86VL34 Datasheet HTML 35Page - Exar Corporation XRT86VL34 Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 156 page
background image
XRT86VL34
27
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
1-0
RxDL[1:0]
R/W
00
Receive Data-Link Destination Select[1:0]:
These bits specify the destination circuitry, that is used to process the
Data-Link data, within the incoming T1 data-stream.
TABLE 11: RECEIVE SIGNALING & DATA LINK SELECT REGISTER (RSDLSR)
HEX ADDRESS: 0Xn10C
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
RXDL[1:0]
DESTINATION CIRCUITRY FOR RECEIVE DATA-LINK
00
Receive LAPD Controller Block # 1 and
RxSER_n - The Data Link bits are routed to the
Receive LAPD Controller block #1 and the
RxSER_n output pin
NOTE:
LAPD Controller #1 is the only LAPD
controller that can be used to extract
LAPD messages through the data link bits
01
RxSER_n- The Data Link bits are routed to the
RxSER_n output pin.
10
RxOH_n and RxSER_n - The Data Link bits are
routed to the RxOH_n and RxSER_n output pins.
11
Data Link bits are forced to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com