Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 87 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 87 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 83Page - Exar Corporation XRT86VL34 Datasheet HTML 84Page - Exar Corporation XRT86VL34 Datasheet HTML 85Page - Exar Corporation XRT86VL34 Datasheet HTML 86Page - Exar Corporation XRT86VL34 Datasheet HTML 87Page - Exar Corporation XRT86VL34 Datasheet HTML 88Page - Exar Corporation XRT86VL34 Datasheet HTML 89Page - Exar Corporation XRT86VL34 Datasheet HTML 90Page - Exar Corporation XRT86VL34 Datasheet HTML 91Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
XRT86VL34
82
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 64: PMON RECEIVE SEVERELY ERRORED FRAME COUNTER (RSEFC)
HEX ADDRESS: 0Xn904
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RSEFC[7]
RUR
0
Performance Monitor - Receive Severely Errored frame Counter
(8-bit Counter)
These Reset-Upon-Read bit fields reflect the cumulative number of
instances that Receive Severely Errored Frames have been
detected by the T1 Framer since the last read of this register.
in T1 mode, Severely Errored Frame is defined as having framing bit
errors in contiguous windows. In T1 SF mode, SEF is defined if Ft
bits have been received consecutively in errors for 0.75ms or 6 SF
frames. In T1 ESF mode, SEF is defined if FPS bit have been
received consecutively in errors for 3 ms or 24 ESF frames.
6
RSEFC[6]
RUR
0
5
RSEFC[5]
RUR
0
4
RSEFC[4]
RUR
0
3
RSEFC[3]
RUR
0
2
RSEFC[2]
RUR
0
1
RSEFC[1]
RUR
0
0
RSEFC[0]
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com