Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 95 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 95 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 91Page - Exar Corporation XRT86VL34 Datasheet HTML 92Page - Exar Corporation XRT86VL34 Datasheet HTML 93Page - Exar Corporation XRT86VL34 Datasheet HTML 94Page - Exar Corporation XRT86VL34 Datasheet HTML 95Page - Exar Corporation XRT86VL34 Datasheet HTML 96Page - Exar Corporation XRT86VL34 Datasheet HTML 97Page - Exar Corporation XRT86VL34 Datasheet HTML 98Page - Exar Corporation XRT86VL34 Datasheet HTML 99Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 156 page
background image
XRT86VL34
90
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 79: BLOCK INTERRUPT ENABLE REGISTER (BIER)
HEX ADDRESS: 0XnB01
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Reserved
For E1 mode only
6
LBCODE_ENB
R/W
0
Loopback Code Block interrupt enable
This bit permits the user to either enable or disable the Loopback
Code Interrupt Block for interrupt generation.
Writing a “0” to this register bit will disable the Loopback Code Block
for interrupt generation, all Loopback Code interrupts will be dis-
abled for interrupt generation.
If the user writes a “1” to this register bit, the Loopback Code Inter-
rupts at the “Block Level” will be enabled. However, the individual
Loopback Code interrupts at the “Source Level” still need to be
enabled to in order to generate that particular interrupt to the inter-
rupt pin.
0 - Disables all Loopback Code Interrupt Block interrupt within the
device.
1 - Enables the Loopback Code interrupt at the “Block-Level”.
5
RXCLKLOSS
R/W
0
Loss of Recovered Clock Interrupt Enable
This bit permits the user to either enable or disable the Loss of
Recovered Clock Interrupt for interrupt generation.
0 - Disables the Loss of Recovered Clock Interrupt within the device.
1 - Enables the Loss of Recovered Clock interrupt at the “Source-
Level”.
4
ONESEC_ENB
R/W
0
One Second Interrupt Enable
This bit permits the user to either enable or disable the One Second
Interrupt for interrupt generation.
0 - Disables the One Second Interrupt within the device.
1 - Enables the One Second interrupt at the “Source-Level”.
3
HDLC_ENB
R/W
0
HDLC Block Interrupt Enable
This bit permits the user to either enable or disable the HDLC Block
for interrupt generation.
Writing a “0” to this register bit will disable the HDLC Block for inter-
rupt generation, all HDLC interrupts will be disabled for interrupt
generation.
If the user writes a “1” to this register bit, the HDLC Block interrupt at
the “Block Level” will be enabled. However, the individual HDLC
interrupts at the “Source Level” still need to be enabled in order to
generate that particular interrupt to the interrupt pin.
0 - Disables all SA6 Block interrupt within the device.
1 - Enables the SA6 interrupt at the “Block-Level”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com