Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 52 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 52 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 48Page - Exar Corporation XRT86VL34 Datasheet HTML 49Page - Exar Corporation XRT86VL34 Datasheet HTML 50Page - Exar Corporation XRT86VL34 Datasheet HTML 51Page - Exar Corporation XRT86VL34 Datasheet HTML 52Page - Exar Corporation XRT86VL34 Datasheet HTML 53Page - Exar Corporation XRT86VL34 Datasheet HTML 54Page - Exar Corporation XRT86VL34 Datasheet HTML 55Page - Exar Corporation XRT86VL34 Datasheet HTML 56Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 156 page
background image
XRT86VL34
47
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
0
UnFramedPRBS
R/W
0
Unframed PRBS Pattern
This bit enables or disables unframed PRBS/QRTS pattern genera-
tion (i.e. All timeslots and framing bits are all PRBS/QRTS data).
The exact function of this bit depends on whether PRBS switch
function is enabled or not. (bit 3 within this register).
If PRBS switch function is disabled, T1 Transmit Framer will gener-
ate an unframed PRBS 15 or QRTS pattern to the line side if this bit
is enabled.
If PRBS switch function is enabled, T1 Receive Framer will generate
an unframed PRBS 15 or QRTS pattern to the receive backplane
interface if this bit is enabled.
0 - Enables an unframed PRBS/QRTS pattern generation to the line
interface or to the receive backplane interface
1 - Disables an unframed PRBS/QRTS pattern generation to the line
interface or to the receive backplane interface
TABLE 31: PRBS CONTROL & STATUS REGISTER (PRBSCSR0)
HEX ADDRESS: 0XN121
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com