Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 34Page - Exar Corporation XRT86VL34 Datasheet HTML 35Page - Exar Corporation XRT86VL34 Datasheet HTML 36Page - Exar Corporation XRT86VL34 Datasheet HTML 37Page - Exar Corporation XRT86VL34 Datasheet HTML 38Page - Exar Corporation XRT86VL34 Datasheet HTML 39Page - Exar Corporation XRT86VL34 Datasheet HTML 40Page - Exar Corporation XRT86VL34 Datasheet HTML 41Page - Exar Corporation XRT86VL34 Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 156 page
background image
XRT86VL34
33
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 18: RECEIVE DATA LINK BYTE COUNT REGISTER (RDLBCR1)
HEX ADDRESS: 0Xn115
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RBUFPTR
R/W
0
Receive HDLC1 Buffer-Pointer
This bit Identifies which Receive HDLC1 buffer contains the most
recently received HDLC1 message.
0 - Indicates that Receive HDLC1 Buffer # 0 contains the contents of
the most recently received HDLC message.
1 - Indicates that Receive HDLC1 Buffer # 1 contains the contents of
the most recently received HDLC message.
6-0
RDLBC[6:0]
R/W
0000000
Receive HDLC Message - byte count
The exact function of these bits depends on whether the Receive
HDLC Controller Block #1 is configured to receive MOS or BOS
messages.
In BOS Mode:
These seven bits contain the number of repetitions the BOS mes-
sage must be received before the Receive HDLC1 controller gener-
ates the Receive End of Transfer (RxEOT) interrupt. If these bits are
set to “0000000”, the message will be received indefinitely and no
Receive End of Transfer (RxEOT) interrupt will be generated.
In MOS Mode:
These seven bits contain the size in bytes of the HDLC1 message
that has been received and written into the Receive HDLC buffer.
The length of MOS message shown in these bits include header
bytes such as the SAPI, TEI, Control field, AND the FCS bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com