Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 79Page - Exar Corporation XRT86VL34 Datasheet HTML 80Page - Exar Corporation XRT86VL34 Datasheet HTML 81Page - Exar Corporation XRT86VL34 Datasheet HTML 82Page - Exar Corporation XRT86VL34 Datasheet HTML 83Page - Exar Corporation XRT86VL34 Datasheet HTML 84Page - Exar Corporation XRT86VL34 Datasheet HTML 85Page - Exar Corporation XRT86VL34 Datasheet HTML 86Page - Exar Corporation XRT86VL34 Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 156 page
background image
XRT86VL34
78
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 57: RECEIVE SIGNALING ARRAY REGISTER 0 TO 23 (RSAR 0-23)
HEX ADDRESS: 0Xn500 TO 0Xn517
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-4
Reserved
-
-
Reserved
3
A
RO
0
These READ ONLY registers reflect the most recently received sig-
naling value (A,B,C,D) associated with timeslot 0 to 31. If signaling
debounce feature is enabled, the received signaling state must be
the same for 2 superframes before this register is updated. If the
signaling bits for two consecutive superframes are not the same, the
current value of this register will not be changed.
When Bit 7 within register 0xn107 is set to ’1’, signaling bits in this
register are updated on superframe boundary
If the signaling debounce feature is disabled or if Bit 7 within register
0xn107 is set to ’0’, this register is updated as soon as the received
signaling bits have changed.
NOTE: The content of this register only has meaning when robbed-
bit signaling is enabled.
2
B
RO
0
1
C
RO
0
0
D
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com