Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 94 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 94 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 90Page - Exar Corporation XRT86VL34 Datasheet HTML 91Page - Exar Corporation XRT86VL34 Datasheet HTML 92Page - Exar Corporation XRT86VL34 Datasheet HTML 93Page - Exar Corporation XRT86VL34 Datasheet HTML 94Page - Exar Corporation XRT86VL34 Datasheet HTML 95Page - Exar Corporation XRT86VL34 Datasheet HTML 96Page - Exar Corporation XRT86VL34 Datasheet HTML 97Page - Exar Corporation XRT86VL34 Datasheet HTML 98Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 156 page
background image
XRT86VL34
89
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
2
SLIP
RO
0
Slip Buffer Block Interrupt Status
This bit indicates whether or not the Slip Buffer block has any out-
standing interrupt request awaiting service.
0 = Indicates no outstanding Slip Buffer Block interrupt request is
awaiting service
1 = Indicates Slip Buffer block has an interrupt request awaiting ser-
vice. Interrupt Service routine should branch to the interrupt source
and read the Slip Buffer Interrupt Status register (address 0xnB08)
to clear the interrupt
NOTE:
This bit will be reset to 0 after the microprocessor has
performed a read to the Slip Buffer Interrupt Status
Register.
1
ALARM
RO
0
Alarm & Error Block Interrupt Status
This bit indicates whether or not the Alarm & Error Block has any
outstanding interrupt request awaiting service.
0 = Indicates no outstanding interrupt request is awaiting service
1 = Indicates the Alarm & Error Block has an interrupt request await-
ing service. Interrupt service routine should branch to the interrupt
source and read the corresponding alarm and error status registers
(address 0xnB02, 0xnB0E, 0xnB40) to clear the interrupt.
NOTE:
This bit will be reset to 0 after the microprocessor has
performed a read to the corresponding Alarm & Error
Interrupt Status register that generated the interrupt.
0
T1 FRAME
RO
0
T1 Framer Block Interrupt Status
This bit indicates whether or not the T1 Framer block has any out-
standing interrupt request awaiting service.
0 = Indicates no outstanding interrupt request is awaiting service.
1 = Indicates the T1 Framer Block has an interrupt request awaiting
service. Interrupt service routine should branch to the interrupt
source and read the T1 Framer status register (address 0xnB04) to
clear the interrupt
NOTE:
This bit will be reset to 0 after the microprocessor has
performed a read to the T1 Framer Interrupt Status register.
TABLE 78: BLOCK INTERRUPT STATUS REGISTER (BISR)
HEX ADDRESS: 0XnB00
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com