Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 30Page - Exar Corporation XRT86VL34 Datasheet HTML 31Page - Exar Corporation XRT86VL34 Datasheet HTML 32Page - Exar Corporation XRT86VL34 Datasheet HTML 33Page - Exar Corporation XRT86VL34 Datasheet HTML 34Page - Exar Corporation XRT86VL34 Datasheet HTML 35Page - Exar Corporation XRT86VL34 Datasheet HTML 36Page - Exar Corporation XRT86VL34 Datasheet HTML 37Page - Exar Corporation XRT86VL34 Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 156 page
background image
XRT86VL34
29
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 15: RECEIVE IN FRAME REGISTER (RIFR)
HEX ADDRESS: 0Xn112
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
In Frame
RO
0
In Frame State
This READ-ONLY bit indicates whether the Receive T1 Framer block is
currently declaring the “In-Frame” condition with the incoming T1 data-
stream.
0 - Indicates that the Receive T1 Framer block is currently declaring the
LOF (Loss of Frame) Defect condition.
1 - Indicates that the Receive T1 Framer block is currently declaring itself
to be in the “In-Frame” condition.
6-0
Reserved
-
-
Reserved (E1 Mode Only)
TABLE 16: DATA LINK CONTROL REGISTER (DLCR1)
HEX ADDRESS: 0Xn113
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
SLC-96 Data Link
Enable
R/W
0
SLC®96 DataLink Enable
This bit permits the user to configure the channel to support the
transmission and reception of the “SLC-96 type” of data-link mes-
sage.
0 - Channel does not support the transmission and reception of
“SLC-96” type of data-link messages. Regular SF framing bits will
be transmitted.
1 - Channel supports the transmission and reception of the “SLC-
96” type of data-link messages.
This bit is only active if the channel has been configured to operate
in either the SLC-96 or the ESF Framing formats.
6
MOS ABORT Disable
R/W
0
MOS ABORT Disable:
This bit permits the user to either enable or disable the “Automatic
MOS ABORT” feature within Transmit HDLC Controller # 1. If the
user enables this feature, then Transmit HDLC Controller block # 1
will automatically transmit the ABORT Sequence (e.g., a zero fol-
lowed by a string of 7 consecutive “1s”) whenever it abruptly transi-
tions from transmitting a MOS type of message, to transmitting a
BOS type of message.
If the user disables this feature, then the Transmit HDLC Controller
Block # 1 will NOT transmit the ABORT sequence, whenever it
abruptly transitions from transmitting a MOS-type of message to
transmitting a BOS-type of message.
0 - Enables the “Automatic MOS Abort” feature
1 - Disables the “Automatic MOS Abort” feature
5
Rx_FCS_DIS
R/W
0
Receive Frame Check Sequence (FCS) Verification Enable/Dis-
able
This bit permits the user to configure the Receive HDLC Controller
Block # 1 to compute and verify the FCS value within each incoming
LAPD message frame.
0 - Enables FCS Verification
1 - Disables FCS Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com