Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 78Page - Exar Corporation XRT86VL34 Datasheet HTML 79Page - Exar Corporation XRT86VL34 Datasheet HTML 80Page - Exar Corporation XRT86VL34 Datasheet HTML 81Page - Exar Corporation XRT86VL34 Datasheet HTML 82Page - Exar Corporation XRT86VL34 Datasheet HTML 83Page - Exar Corporation XRT86VL34 Datasheet HTML 84Page - Exar Corporation XRT86VL34 Datasheet HTML 85Page - Exar Corporation XRT86VL34 Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 156 page
background image
XRT86VL34
77
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 56: RECEIVE SUBSTITUTION SIGNALING REGISTER 0-23 (RSSR 0-23)
HEX ADDRESS: 0Xn3C0 TO 0XN3D7
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-4
Reserved
-
-
Reserved
3
SIG16-A, 4-A, 2-A
R/W
0
16-code/4-code/2-code Signaling Bit A
This bit provides the value of signaling bit A to substitute the receive
signaling bit A on a per channel basis when 16-code or 4-code or 2-
code signaling substitution is enabled.
2
SIG16-B, 4-B, 2-A
R/W
0
16-code/4-code Signaling Bit B
This bit provides the value of signaling bit B to substitute the receive
signaling bit B on a per channel basis when 16-code or 4-code sig-
naling substitution is enabled.
1
SIG16-C, 4-A, 2-A
R/W
0
16-code Signaling Bit C
This bit provides the value of signaling bit C to substitute the receive
signaling bit C on a per channel basis when 16-code signaling sub-
stitution is enabled.
0
SIG16-D, 4-B, 2-A
R/W
0
16-code Signaling Bit D
This bit provides the value of signaling bit D to substitute the receive
signaling bit D on a per channel basis when 16-code signaling sub-
stitution is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com