Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 87Page - Exar Corporation XRT86VL34 Datasheet HTML 88Page - Exar Corporation XRT86VL34 Datasheet HTML 89Page - Exar Corporation XRT86VL34 Datasheet HTML 90Page - Exar Corporation XRT86VL34 Datasheet HTML 91Page - Exar Corporation XRT86VL34 Datasheet HTML 92Page - Exar Corporation XRT86VL34 Datasheet HTML 93Page - Exar Corporation XRT86VL34 Datasheet HTML 94Page - Exar Corporation XRT86VL34 Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
XRT86VL34
86
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 73: TRANSMIT SLIP COUNTER (TSC)
HEX ADDRESS: 0Xn90F
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
TxSLIP[7]
RUR
0
Performance Monitor - Transmit Slip Counter (8-bit Counter)
These Reset-Upon-Read bit fields reflect the cumulative number of
instances that Transmit Slip events have been detected by the T1
Framer since the last read of this register.
NOTE: A slip event is defined as a replication or deletion of a T1
frame by the transmit slip buffer.
6
TxSLIP[6]
RUR
0
5
TxSLIP[5]
RUR
0
4
TxSLIP[4]
RUR
0
3
TxSLIP[3]
RUR
0
2
TxSLIP[2]
RUR
0
1
TxSLIP[1]
RUR
0
0
TxSLIP[0]
RUR
0
TABLE 74: EXCESSIVE ZERO VIOLATION COUNTER MSB (EZVCU)
HEX ADDRESS: 0Xn910
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
EZVC[15]
RUR
0
Performance Monitor - T1 Excessive Zero Violation 16-Bit
Counter - Upper Byte:
These RESET-upon-READ bits, along with that within the “PMON
T1 Excessive Zero Violation Counter Register LSB” combine to
reflect the cumulative number of instances that the ReceiveT1
Excessive Zero Violation has been detected by the Receive T1
Framer block since the last read of this register.
This register contains the Most Significant byte of this 16-bit of the
Receive T1 Excessive Zero Violation counter.
NOTE: For all 16-bit wide PMON registers, user must read the MSB
counter first before reading the LSB counter in order to read
the accurate PMON counts. To clear PMON count, user
must read the MSB counter first before reading the LSB
counter in order to clear the PMON count.
6
EZVC[14]
RUR
0
5
EZVC[13]
RUR
0
4
EZVC[12]
RUR
0
3
EZVC[11]
RUR
0
2
EZVC[10]
RUR
0
1
EZVC[9]
RUR
0
0
EZVC[8]
RUR
0
TABLE 75: EXCESSIVE ZERO VIOLATION COUNTER LSB (EZVCL)
HEX ADDRESS: 0Xn911
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
EZVC[7]
RUR
0
Performance Monitor - T1 Excessive Zero Violation 16-Bit
Counter - Lower Byte:
These RESET-upon-READ bits, along with that within the “PMON
T1 Excessive Zero Violation Counter Register MSB” combine to
reflect the cumulative number of instances that the ReceiveT1
Excessive Zero Violation has been detected by the Receive T1
Framer block since the last read of this register.
This register contains the Least Significant byte of this 16-bit of the
Receive T1 Excessive Zero Violation counter.
NOTE: For all 16-bit wide PMON registers, user must read the MSB
counter first before reading the LSB counter in order to read
the accurate PMON counts. To clear PMON count, user
must read the MSB counter first before reading the LSB
counter in order to clear the PMON count.
6
EZVC[6]
RUR
0
5
EZVC[5]
RUR
0
4
EZVC[4]
RUR
0
3
EZVC[3]
RUR
0
2
EZVC[2]
RUR
0
1
EZVC[1]
RUR
0
0
EZVC[0]
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com