Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 41Page - Exar Corporation XRT86VL34 Datasheet HTML 42Page - Exar Corporation XRT86VL34 Datasheet HTML 43Page - Exar Corporation XRT86VL34 Datasheet HTML 44Page - Exar Corporation XRT86VL34 Datasheet HTML 45Page - Exar Corporation XRT86VL34 Datasheet HTML 46Page - Exar Corporation XRT86VL34 Datasheet HTML 47Page - Exar Corporation XRT86VL34 Datasheet HTML 48Page - Exar Corporation XRT86VL34 Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 156 page
background image
XRT86VL34
40
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 26: PERFORMANCE REPORT CONTROL REGISTER (PRCR)
HEX ADDRESS: 0Xn11D
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
LBO_ADJ_ENB
R/W
0
Transmit Line Build Out Auto Adjustment:
This bit is used to enable or disable the transmit line build out auto
adjustment feature. When the transmitter of the device is sending
AIS condition, the transmit line build out will automatically be adjust
to one setting lower if this feature is enabled. (Please refer to the
EQC[4:0] bits in register 0x0Fn0 for different settings of Transmit
Line Build Out). This feature is designed to for power saving pur-
poses when an AIS signal is being transmitted.
1 - Enables the transmit line build out auto adjustment feature.
0 - Disables the transmit line build out auto adjustment feature.
NOTE: This feature is only available for T1 short haul applications.
6
RLOS_OUT_ENB
R/W
1
RLOS Output Enable:
This bit is used to enable or disable the Receive LOS (RLOS_n) out-
put pins.
0 - Disables the RLOS output pin.
1 - Enables the RLOS output pin.
[5-3] Reserved
-
-
Reserved.
2
C/R_BIt
R/W
0
C/R Bit Control
This bit allows user to control the value of C/R bit within an outgoing
performance report.
0 - Outgoing C/R bit will be set to’0’
1 - Outgoing C/R bit will be set to’1’
[1:0] APCR
R/W
00
Automatic Performance Control/Response Report
These bits automatically generates a summary report of the PMON
status so that it can be inserted into an out going LAPD message.
Automatic performance report can be generated every time these
bits transition from ‘b00’ to ‘b01‘or automatically every one second.
The table below describes the different APCR[1:0] bits settings.
APCR[1:0]
SOURCE FOR RECEIVE D/E TIMESLOTS
00/11
No performance report issued
01
Single performance report is issued when
these bits transitions from ‘b00’ to b’01’.
10
Automatically issues a performance report
every one second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com