Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 89 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 89 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 85Page - Exar Corporation XRT86VL34 Datasheet HTML 86Page - Exar Corporation XRT86VL34 Datasheet HTML 87Page - Exar Corporation XRT86VL34 Datasheet HTML 88Page - Exar Corporation XRT86VL34 Datasheet HTML 89Page - Exar Corporation XRT86VL34 Datasheet HTML 90Page - Exar Corporation XRT86VL34 Datasheet HTML 91Page - Exar Corporation XRT86VL34 Datasheet HTML 92Page - Exar Corporation XRT86VL34 Datasheet HTML 93Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 156 page
background image
XRT86VL34
84
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 67: PMON RECEIVE SLIP COUNTER (RSC)
HEX ADDRESS: 0Xn909
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RSC[7]
RUR
0
Performance Monitor - Receive Slip Counter (8-bit Counter)
These Reset-Upon-Read bit fields reflect the cumulative number of
instances that Receive Slip events have been detected by the T1
Framer since the last read of this register.
NOTE: A slip event is defined as a replication or deletion of a T1
frame by the receive slip buffer.
6
RSC[6]
RUR
0
5
RSC[5]
RUR
0
4
RSC[4]
RUR
0
3
RSC[3]
RUR
0
2
RSC[2]
RUR
0
1
RSC[1]
RUR
0
0
RSC[0]
RUR
0
TABLE 68: PMON RECEIVE LOSS OF FRAME COUNTER (RLFC)
HEX ADDRESS: 0Xn90A
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RLFC[7]
RUR
0
Performance Monitor - Receive Loss of Frame Counter (8-bit
Counter)
These Reset-Upon-Read bit fields reflect the cumulative number of
instances that Receive Loss of Frame condition have been detected
by the T1 Framer since the last read of this register.
NOTE:
This counter counts once every time the Loss of Frame
condition is declared. This counter provides the capability to
measure an accumulation of short failure events.
6
RLFC[6]
RUR
0
5
RLFC[5]
RUR
0
4
RLFC[4]
RUR
0
3
RLFC[3]
RUR
0
2
RLFC[2]
RUR
0
1
RLFC[1]
RUR
0
0
RLFC[0]
RUR
0
TABLE 69: PMON RECEIVE CHANGE OF FRAME ALIGNMENT COUNTER (RCFAC)
HEX ADDRESS: 0Xn90B
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RCFAC[7]
RUR
0
Performance Monitor - Receive Change of Frame Alignment
Counter (8-bit Counter)
These Reset-Upon-Read bit fields reflect the cumulative number of
instances that Receive Change of Framing Alignment have been
detected by the T1 Framer since the last read of this register.
NOTE: Change of Framing Alignment (COFA) is declared when the
newly-locked framing pattern is different from the one
offered by off-line framer.
6
RCFAC[6]
RUR
0
5
RCFAC[5]
RUR
0
4
RCFAC[4]
RUR
0
3
RCFAC[3]
RUR
0
2
RCFAC[2]
RUR
0
1
RCFAC[1]
RUR
0
0
RCFAC[0]
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com