Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT86VL34 Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 72Page - Exar Corporation XRT86VL34 Datasheet HTML 73Page - Exar Corporation XRT86VL34 Datasheet HTML 74Page - Exar Corporation XRT86VL34 Datasheet HTML 75Page - Exar Corporation XRT86VL34 Datasheet HTML 76Page - Exar Corporation XRT86VL34 Datasheet HTML 77Page - Exar Corporation XRT86VL34 Datasheet HTML 78Page - Exar Corporation XRT86VL34 Datasheet HTML 79Page - Exar Corporation XRT86VL34 Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 156 page
background image
XRT86VL34
71
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
NOTE: The default value for register address 0xn340 = 0x01, 0xn341-0xn34F = 0xD0, 0xn350 = 0xB3, 0xn351-0xn35F =
0xD0
1
TxSIGSRC[1]
R/W
See Note
Channel signaling control
These bits determine the source for signaling information, see table
below.
0
TxSIGSRC[0]
R/W
See Note
TABLE 52: TRANSMIT SIGNALING CONTROL REGISTER 0-23 (TSCR 0-23)
HEX ADDRESS: 0Xn340 TO 0XN357
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TXSIGSRC[1:0]
SIGNALING SOURCE SELECTED
00/11
Signaling data is inserted from input PCM
data (TxSERn pin)
01
Signaling data is inserted from this register
(TSCRs).
10
Signaling data is inserted from the Transmit
Signaling input pin (TxSIG_n) if the Transmit
Signaling Interface bit is enabled (i.e.
TxFr1544 bit = 1 in the Transmit Interface
Control Register (TICR) Register 0xn120),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com