Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Data Sheet
ADIS16501
THEORY OF OPERATION
analog.com
Rev. B | 23 of 45
BURST READ FUNCTION
The burst read function provides a way to read a batch of output
data registers, using a continuous stream of bits, at a rate of up to
1 MHz (SCLK). This method does not require a stall time between
each 16-bit segment (see Figure 3). As shown in Figure 42, start
this mode by setting DIN = 0x6800, and then read each of the
registers in the sequence out of DOUT while keeping CS low for
the entire data transfer sequence. However, keeping the CS pin
low after a burst transfer is complete can delay the next data ready
pulse, and potentially interfere with the processing of the next IMU
sample.
The three options for burst mode include: scaled sync mode on
or off, BURST32 enabled and disabled, and BURST_SEL = 0 or
BURSET_SEL = 1. This results in eight possible burst data formats.
Scaled Sync Mode Enabled vs. Disabled
The only differences in the burst data format between these two
modes are the final two bytes in a burst. In scaled sync mode, the
final two bytes are the values of the TIME_STAMP registers. When
scaled sync mode is disabled, the final two bytes are the values
in the DATA_CNTR registers. As always, Bits[15:8] appear before
Bits[7:0] in both modes.
For the rest of the Burst Read Function section, it is assumed that
scaled sync mode is disabled.
16-Bit Burst Mode with BURST_SEL = 0
In 16-bit burst mode with BURST_SEL = 0, a burst contains cali-
brated gyroscope and accelerometer data in 16-bit format. This
mode is particularly appropriate for cases where there is no deci-
mation or filtering. In this mode, with this particular setting, the
sample rate is high (~2 kSPS) and the lower 16 bits are not
used except in cases where the user is running these actions of
averaging/filtering.
Figure 42. Burst Read Sequence with BURST_SEL = 0
The sequence of registers (and checksum value) in the burst
read includes the following registers and value: DIAG_STAT,
X_GYRO_OUT, Y_GYRO_OUT, Z_GYRO_OUT, X_ACCL_OUT,
Y_ACCL_OUT, Z_ACCL_OUT, TEMP_OUT, DATA_ CNTR, and the
checksum value.
In these cases, use the following formula to verify the 16-bit check-
sum value, treating each byte in the formula as an independent,
unsigned, 8-bit number:
Checksum = DIAG_STAT, Bits[15:8] + DIAG_STAT, Bits[7:0] +
X_GYRO_OUT, Bits[15:8] + X_GYRO_OUT, Bits[7:0] +
Y_GYRO_OUT, Bits[15:8] + Y_GYRO_OUT, Bits[7:0] +
Z_GYRO_OUT, Bits[15:8] + Z_GYRO_OUT, Bits[7:0] +
X_ACCL_OUT, Bits[15:8] + X_ACCL_OUT, Bits[7:0] +
Y_ACCL_OUT, Bits[15:8] + Y_ACCL_OUT, Bits[7:0] +
Z_ACCL_OUT, Bits[15:8] + Z_ACCL_OUT, Bits[7:0] +
TEMP_OUT, Bits[15:8] + TEMP_OUT, Bits[7:0] +
DATA_CNTR, Bits[15:8] + DATA_CNTR, Bits[7:0]
16-Bit Burst Mode with BURST_SEL = 1
In 16-bit burst mode with BURST_SEL = 1, a burst contains
calibrated delta angle and delta velocity data in 16-bit format.
This mode is particularly appropriate for cases where there is
no decimation or filtering. In this mode, with this particular setting,
the sample rate is high (~2 kSPS) and the lower 16 bits are not
used.
Figure 43. Burst Read Sequence with BURST_SEL = 1
The sequence of registers (and checksum value) in the burst read
includes the following registers and value: DIAG_STAT, X_DEL-
TANG_OUT, Y_DELTANG_OUT, Z_DELTANG_OUT, X_DELT-
VEL_OUT, Y_DELTVEL_OUT, Z_DELTVEL_OUT, TEMP_OUT, DA-
TA_ CNTR, and the checksum value.
In these cases, use the following formula to verify the 16-bit check-
sum value, treating each byte in the formula as an independent,
unsigned, 8-bit number:
Checksum = DIAG_STAT, Bits[15:8] + DIAG_STAT, Bits[7:0] +
X_DELTANG_OUT, Bits[15:8] + X_DELTANG_OUT, Bits[7:0] +
Y_DELTANG_OUT, Bits[15:8] + Y_DELTANG_OUT, Bits[7:0] +
Z_DELTANG_OUT, Bits[15:8] + Z_DELTANG_OUT, Bits[7:0] +
X_DELTVEL_OUT, Bits[15:8] + X_DELTVEL_OUT, Bits[7:0] +
Y_DELTVEL_OUT, Bits[15:8] + Y_DELTVEL_OUT, Bits[7:0] +
Z_DELTVEL_OUT, Bits[15:8] + Z_DELTVEL_OUT, Bits[7:0] +
TEMP_OUT, Bits[15:8] + TEMP_OUT, Bits[7:0] + DATA_CNTR,
Bits[15:8] + DATA_CNTR, Bits[7:0]
32-Bit Burst Mode with BURST_SEL = 0
In 32-bit burst mode with BURST_SEL = 0, a burst contains cali-
brated gyroscope and accelerometer data in 32-bit format. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com