Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Data Sheet
ADIS16501
THEORY OF OPERATION
analog.com
Rev. B | 20 of 45
All of the correction factors in this relationship come from direct
observation of the response of each gyroscope at multiple tempera-
tures over the calibration temperature range (−40°C ≤ TA ≤ +85°C).
These correction factors are stored in the flash memory bank,
but they are not available for observation or configuration.
The MSC_CTRL register, Bit 7 (see Table 107) provides the on-
ly user-configurable option for the factory calibration of the gyro-
scopes: an on/off control for the linear acceleration compensation.
See Figure 56 for more details on the user calibration options
available for the gyroscopes.
The factory calibration of the accelerometer applies the following
correction formulas to the data of each accelerometer:
aXCaYCaZC =m11m12m13
m21m22m23
m31m32m33 ×
aXaYaZ+bXbYbZ +
0 p12p13
p21 0 p23
p31p32 0 +
ω2XCω2YCω2
ZC
where:
aXC, aYC, and aZC are the accelerometer outputs (post calibration).
m11, m12, m13, m21, m22, m23, m31, m32, and m33 provide scale and
alignment correction.
aX, aY, and aZ are the accelerometer outputs (precalibration).
bX, bY, and bZ provide bias correction.
p12, p13, p21, p23, p31 and p32 provide a point of percussion align-
ment correction (see Figure 59).
ω2XC, ω2YC, and ω2ZC are the square of the gyroscope outputs
(post calibration).
All of the correction factors in this relationship come from direct
observation of the response of each accelerometer at multiple
temperatures, over the calibration temperature range (−40°C ≤ TA
≤ +85°C). These correction factors are stored in the flash memory
bank, but they are not available for observation or configuration.
The MSC_CTRL register, Bit 6 (see Table 107) provides the only
user configuration option for the factory calibration of the acceler-
ometers: an on/off control for the point of percussion, alignment
function. See Figure 57 for more details on the user calibration
options available for the accelerometers.
DECIMATION FILTER
The second digital filter averages multiple samples together to pro-
duce each register update. The number of samples in the average
is equal to the reduction in the update rate (fODR) for the output data
registers (see Figure 33). The DEC_RATE register (see Table 111)
provides the configuration controls for this filter.
Figure 33. Decimating Filter Diagram
REGISTER STRUCTURE
All communication between the ADIS16501 and an external pro-
cessor involves either reading the contents of an output register or
writing configuration/command information to a control register. The
output data registers include the latest sensor data, error flags, and
identification information. The control registers include sample rate,
filtering, calibration, and diagnostic options. Each user accessible
register has two bytes (upper and lower), each of which has its own
unique address. See Table 10 for a detailed list of all user registers,
along with their addresses.
SPI
The SPI provides access to the user registers (see Table 10).
Figure 34 shows the most common connections between the
ADIS16501 and an SPI main device, which is often an embedded
processor that has an SPI-compatible interface. In this example, the
SPI main uses an interrupt service routine to collect data every time
the data ready (DR) signal pulses.
Additional information on the SPI can be found in the Applications
Information section.
Figure 34. Electrical Connection Diagram
33 Ω termination resistors are recommended to improve SPI over-
shoot during communication. The CS, SCLK, and MOSI resistors
must be placed close to the system processor SPI main. The MISO
and IRQ resistors must be placed close to the ADIS16501.
Table 6 provides an example list of pin names for the SPI port in an
embedded processor.
Table 6. Generic SPI Main Pin Names and Functions
Mnemonic
Function
SS
Subordinate select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com