Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 28 of 45
STATUS/ERROR FLAG INDICATORS
(DIAG_STAT)
Table 11. DIAG_STAT Register Definition
Addresses
Default
Access
Flash Backup
0x02, 0x03
0x0000
R
No
Table 12. DIAG_STAT Bit Assignments
Bits
Description
[15:8]
Reserved
7
Clock error. A 1 indicates that the internal data sampling clock (fSM,
see Figure 29) does not synchronize with the external clock, which
only applies when using scaled sync mode (Register MSC_CTRL,
Bits[3:2] = 10, see Table 107). When this error occurs, adjust the
frequency of the clock signal on the SYNC pin to operate within the
appropriate range.
6
Memory failure. A 1 indicates a failure in the flash memory test (Regis-
ter GLOB_CMD, Bit 4, see Table 113), which involves a comparison
between a cyclic redundancy check (CRC) calculation of the present
flash memory and a CRC calculation from the same memory locations
at the time of initial programming (during the production process). If
this error occurs, repeat the same test. If this error persists, replace
the ADIS16501.
5
Sensor failure. A 1 indicates failure of at least one sensor, at the
conclusion of the self test (Register GLOB_CMD, Bit 2, see Table
113). If this error occurs, repeat the same test. If this error persists,
replace the ADIS16501. Motion during the execution of this test can
cause a false failure.
4
Standby mode. A 1 indicates that the voltage across VDD and GND
is <2.8 V, which causes data processing to stop. When VDD ≥ 2.8 V
for 250 ms, the ADIS16501 reinitializes itself and starts producing data
again.
3
SPI communication error. A 1 indicates that the total number of SCLK
cycles is not equal to an integer multiple of 16. When this error occurs,
repeat the previous communication sequence. Persistence in this error
can indicate a weakness in the SPI service that the ADIS16501 is
receiving from the system it is supporting.
2
Flash memory update failure. A 1 indicates that the most recent flash
memory update (Register GLOB_CMD, Bit 3, see Table 113) failed.
If this error occurs, ensure that VDD ≥ 3 V and repeat the update
attempt. If this error persists, replace the ADIS16501.
1
Datapath overrun. A 1 indicates that one of the data paths experi-
enced an overrun condition. If this error occurs, initiate a reset using
the RST pin (see Table 5, Pin F3) or Register GLOB_CMD, Bit 7 (see
Table 113).
0
Reserved
The DIAG_STAT register (see Table 11 and Table 12) provides error
flags for monitoring the integrity and operation of the ADIS16501.
Reading this register resets its bits to 0. The error flags in DI-
AG_STAT are sticky, meaning that when they raise to a 1, they
remain there until a read request clears them. If an error condition
persists, the flag (bit) automatically returns to an alarm value of 1.
GYROSCOPE DATA
The gyroscopes in the ADIS16501 measure the angular rate of
rotation around three orthogonal axes (x, y, and z). Figure 48 shows
the orientation of each gyroscope axis along with the direction of
rotation that produces a positive response in each of their measure-
ments.
Figure 48. Gyroscope Axis and Polarity Assignments
Each gyroscope has two output data registers. Figure 49 shows
how these two registers combine to support a 32-bit, twos comple-
ment data format for the x-axis gyroscope measurements. This
format also applies to the y- and z-axes.
Figure 49. Gyroscope Output Data Structure
Gyroscope Measurement Range/Scale Factor
Table 13 provides the range and scale factor for the angular rate
(gyroscope) measurements for the ADIS16501.
Table 13. Gyroscope Measurement Range and Scale Factors
Model
Range, ±ωMAX (°/sec)
Scale Factor, KG (°/sec/LSB)
ADIS16501
±500
0.025
Gyroscope Data Formatting
Table 14 and Table 15 offer various numerical examples that dem-
onstrate the format of the rotation rate data in both 16-bit and 32-bit
formats.
Table 14. 16-Bit Gyroscope Data Format Examples
Rotation Rate
Decimal
Hex
Binary
+ωMAX
+20,000
0x4E20
0100 1110 0010 0000
+2 KG
+2
0x0002
0000 0000 0000 0010
+KG
+1
0x0001
0000 0000 0000 0001
0°/sec
0
0x0000
0000 0000 0000 0000
−KG
−1
0xFFFF
1111 1111 1111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com