Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Data Sheet
ADIS16501
TERMINOLOGY
analog.com
Rev. B | 15 of 45
Figure 24. Allan Variance Plot Example
Inertial Data Format
Inertial data format is the digital representation of the angular
rate or acceleration information output by the ADIS16501. Both
the angular rate and acceleration information are transmitted as
16-bit (or 24-bit), twos complement values. Nominal sensitivity and
nominal scale factor define the relationship for converting from the
digital 16-bit (or 24-bit) value to either acceleration or angular rate.
Nominal Sensitivity
Nominal sensitivity is the slope of the line of best fit for the angular
rate and acceleration transfer functions, as measured across the
output full-scale range (FSR) of the ADIS16501. The sensitivity
defines the change in output (LSB) per unit change of input (g or
°/sec).
Figure 25. Nominal Sensitivity Slope
Nominal Scale Factor
The nominal scale factor is the inverse of the nominal sensitivity.
It is the slope of the line of best fit for the angular rate and
acceleration transfer functions, as measured across the output FSR
of the ADIS16501. The nominal scale factor describes the change
in input (g or °/sec) per change in the device output (LSB).
Sensitivity/Scale Factor Tolerance
The sensitivity/scale factor tolerance is the allowable variation be-
tween the applied angular rate or acceleration and the digital output
(LSB). The acceleration sensitivity can be validated at inputs of
±1 g, and the angular rate sensitivity can be validated at any input
greater than ±50°/sec.
Acceleration =
ACCMEASgIN=+1g +ACCMEASgIN=−1g
2g
Gyroscope =
ΩMEASΩIN=+50°/sec −ΩMEASΩIN=−50°/sec  
100°/sec
Figure 26. Sensitivity/Scale Factor Transfer Function
Cross Axis Sensitivity
Cross axis sensitivity is the measured output of the device in
response to input stimuli orthogonal to the measurement axis. It is
measured as a percentage of the applied orthogonal acceleration or
rotation rate. All stimulus axes are defined relative to the package
body as follows:
Gyroscope= ΩMEASΩZ
ΩXor ΩY
×100%
Acceleration = ACCMEASgX
gYor gY
×100%
where:
ΩMEAS (ΩZ) is the measured angular rate.
ΩX (or ΩY) is the applied pitch or roll rate.
ACCMEAS (gX) is the measured x-axis acceleration.
gY (or gZ) is the applied y- or z-axis acceleration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com