Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Data Sheet
ADIS16501
THEORY OF OPERATION
analog.com
Rev. B | 19 of 45
CLOCK CONTROL
The ADIS16501 provides four modes of operation with respect to
the source of the sampling and processing clock (see the frequency
sampling clock (fSM) in Figure 29): internal, direct input sync, scaled
sync, and output sync. The MSC_CTRL register, Bits[3:2] (see
Table 106 and Table 107) provide user selection of these modes.
Internal Clock Mode
Setting Register MSC_CTRL, Bits[3:2] = 00 selects the internal
clock mode and is the default. In this mode, the ADIS16501 uses
an internally generated clock that has a nominal frequency of 2000
Hz to drive sampling and data processing for each sensor and
associated signal chain.
Direct Input Sync Mode
Setting Register MSC_CTRL, Bits[3:2] = 01 selects direct input
sync mode and allows fSM to come directly from an external clock to
control the sensor sampling using the SYNC pin as an input. When
operating in input sync mode, the ADIS16501 performs best when
the external clock frequency (fSYNC) is between 1900 Hz and 2100
Hz.
Scaled Sync Mode
Setting Register MSC_CTRL, Bits[3:2] = 10 selects scaled sync
mode, which supports use of an external sync clock between
1 Hz and 128 Hz that can come from video systems or global
positioning systems (GPSs). When operating in scaled sync mode,
the frequency of the sample clock is equal to the product of the
external clock scale factor, KECSF (from the UP_SCALE register,
see Table 108 and Table 109), and the frequency of the clock signal
on the SYNC pin. As in input sync mode, the ADIS16501 performs
best when fSM is between 1900 Hz and 2100 Hz.
Changes to the UP_SCALE register value reset the clock multipli-
cation phase-locked loop (PLL) and restart the locking process.
The locking process starts with an input reference clock edge
resetting the feedback clock edge, and lock is declared when time
differences between these two edges are ≤100 µs.
For example, when using a 1 Hz input signal, set UP_SCALE =
0x07D0 (KECSF = 2000 (decimal)) to establish a sample rate of
2000 SPS for the inertial sensors and their signal processing. Use
the following sequence on the DIN pin to configure UP_SCALE for
this scenario: 0xE2D0, then 0xE307.
Output Sync Mode
When Register MSC_CTRL, Bits[3:2] = 11, the ADIS16501 oper-
ates in output sync mode, which is the same as internal clock mode
except that the SYNC pin pulses when the internal processor col-
lects data from the inertial sensors. Figure 30 provides an example
of this signal.
Figure 30. Sync Output Signal, Register MSC_CTRL, Bits[3:2] = 11
BARTLETT WINDOW FILTER
The Bartlett window filter is a finite impulse response (FIR) filter
(see Figure 31) that contains two averaging filter stages in a
cascade configuration. The FILT_CTRL register (see Table 103)
provides the configuration controls for this filter.
Figure 31. Bartlett Window FIR Filter Signal Path
CALIBRATION
The inertial sensor calibration function for the gyroscopes and the
accelerometers has two components: factory calibration and user
calibration (see Figure 32).
Figure 32. Inertial Sensor Calibration Processing
The factory calibration of the gyroscope applies the following cor-
rection formulas to the data of each gyroscope:
ωXCωYCωZC =m11m12m13
m21m22m23
m31m32m33 ×
ωXωYωZ+bXbYbZ +
l11l12l13
l21l22l23
l31l32l33 +
aXCaYCaZC
where:
ωXC, ωYC, and ωZC are the gyroscope outputs (post calibration).
m11, m12, m13, m21, m22, m23, m31, m32, and m33 provide scale and
alignment correction.
ωX, ωY, and ωZ are the gyroscope outputs (precalibration).
bX, bY, and bZ provide bias correction.
l11, l12, l13, l21, l22, l23, l31, l32, and l33 provide linear acceleration
correction.
aXC, aYC, and aZC are the accelerometer outputs (post calibration).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com