Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16501/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Data Sheet
ADIS16501
Precision, MEMS IMU
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Triaxial digital gyroscope, ±500°/sec
►
2.7°/hr in-run bias stability
►
0.15°/√hr angular random walk, x-axis and y-axis, 1 σ
►
±0.25° axis to axis misalignment error
►
Triaxial digital accelerometer, ±14 g dynamic range
►
12.7 µg in-run bias stability (x-axis and y-axis)
►
Triaxial delta angle and delta velocity outputs
►
Factory calibrated sensitivity, bias, and axial alignment
►
Calibration temperature range: −40°C to +85°C
►
SPI compatible data communications
►
Programmable operation and control
►
Automatic and manual bias correction controls
►
Data ready indicator for synchronous data acquisition
►
External sync modes: direct, scaled, and output
►
On demand self test of inertial sensors
►
Single-supply operation (VDD): 3.0 V to 3.6 V
►
1500 g mechanical shock survivability
►
Operating temperature range: −40°C to +105°C
APPLICATIONS
►
Navigation, stabilization, and instrumentation
►
Unmanned and autonomous vehicles
►
Smart agriculture and construction machinery
►
Factory/industrial automation, robotics
►
Virtual/augmented reality
►
Internet of Moving Things
GENERAL DESCRIPTION
The ADIS16501 is a precision, miniature microelectromechanical
system (MEMS) inertial measurement unit (IMU) that includes
a triaxial gyroscope and a triaxial accelerometer. Each inertial
sensor in the ADIS16501 combines with signal conditioning that
optimizes dynamic performance. The factory calibration characteriz-
es each sensor for sensitivity, bias, alignment, linear acceleration
(gyroscope bias), and point of percussion (accelerometer location).
The ADIS16501 provides a simplified, cost-effective method for in-
tegrating accurate, multiaxis inertial sensing into industrial systems,
especially when compared with the complexity and investment
associated with discrete designs. All necessary motion testing
and calibration are part of the production process at the factory,
greatly reducing system integration time. Tight orthogonal alignment
simplifies inertial frame alignment in navigation systems. The serial
peripheral interface (SPI) and register structure provide a simple
interface for data collection and configuration control.
The ADIS16501 is available in a 100-ball ball grid array (BGA) mod-
ule (MODULE) that is approximately 15 mm × 15 mm × 5.72 mm.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADIS16501/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16500 AD-ADIS16500 Datasheet
778Kb / 40P
Precision, Miniature MEMS IMU
6/2020-Rev. 0 to Rev. A
ADIS16500AMLZ AD-ADIS16500AMLZ Datasheet
778Kb / 40P
Precision, Miniature MEMS IMU
6/2020-Rev. 0 to Rev. A
ADIS16500PCBZ AD-ADIS16500PCBZ Datasheet
778Kb / 40P
Precision, Miniature MEMS IMU
6/2020-Rev. 0 to Rev. A
ADIS16505 AD-ADIS16505 Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
ADIS16505 AD-ADIS16505 Datasheet
792Kb / 41P
Precision, Miniature MEMS IMU
Rev. C
More results

Similar Description - ADIS16501/PCBZ

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
Analog Devices
ADIS16500 AD-ADIS16500 Datasheet
778Kb / 40P
Precision, Miniature MEMS IMU
6/2020-Rev. 0 to Rev. A
ADIS16505 AD-ADIS16505 Datasheet
801Kb / 41P
Precision, Miniature MEMS IMU
7/2020-Rev. A to Rev. B
ADIS16507 AD-ADIS16507 Datasheet
941Kb / 42P
Precision, Miniature MEMS IMU
7/2020-Rev. 0 to Rev. A
ADIS16465 AD-ADIS16465 Datasheet
749Kb / 33P
Precision MEMS IMU Module
4/2020-Rev. B to Rev. C
ADIS16467 AD-ADIS16467 Datasheet
758Kb / 34P
Precision MEMS IMU Module
2/2020-Rev. B to Rev. C
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
Wide Dynamic Range, Miniature MEMs IMU
4/2019-Rev. B to Rev. C
ADIS16475 AD-ADIS16475 Datasheet
1Mb / 37P
Precision, Miniature MEMs IMU
4/2020-Rev. C to Rev. D
ADIS16477 AD-ADIS16477 Datasheet
970Kb / 37P
Precision, Miniature MEMs IMU
4/2020-Rev. C to Rev. D
logo
TDK Electronics
ICM-42688-P TDK-ICM-42688-P Datasheet
1Mb / 110P
High Precision 6-Axis MEMS MotionTrackingTM Device
06/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com