Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 37 of 45
Table 100. ZA_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x56, 0x57
0x0000
R/W
Yes
Table 101. ZA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer offset correction, upper word
The ZA_BIAS_LOW (see Table 98 and Table 99) and ZA_BIAS_
HIGH (see Table 100 and Table 101) registers combine to allow
users to adjust the bias of the z-axis accelerometers. The data
format examples in Table 28 also apply to the ZA_BIAS_HIGH reg-
ister, and the data format examples in Table 29 apply to the 32-bit
combination of the ZA_BIAS_LOW and ZA_BIAS_HIGH registers.
These registers influence the z-axis accelerometer measurements
in the same manner that the XA_BIAS_LOW and XA_BIAS_HIGH
registers influence the x-axis accelerometer measurements (see
Figure 57).
Filter Control Register (FILT_CTRL)
Table 102. FILT_CTRL Register Definition
Addresses
Default
Access
Flash Backup
0x5C, 0x5D
0x0000
R/W
Yes
Table 103. FILT_CTRL Bit Definitions
Bits
Description
[15:3]
Reserved
[2:0]
Filter Size Variable B, number of taps in each stage, N = 2B
The FILT_CTRL register (see Table 102 and Table 103) provides
user controls for the Bartlett window FIR filter (see Figure 31),
which contains two cascaded averaging filters. For example, use
the following sequence to set Register FILT_CTRL, Bits[2:0] =
0100, which sets each stage to have 16 taps: 0xCC04 and 0xCD00.
Figure 58 provides the frequency response for several settings in
the FILT_CTRL register.
Figure 58. Bartlett Window, FIR Filter Frequency Response (Phase Delay = N
Samples)
Range Identifier (RANG_MDL)
Table 104. RANG_MDL Register Definition
Addresses
Default
Access
Flash Backup
0x5E, 0x5F
Not applicable
R
No
Table 105. RANG_MDL Bit Definitions
Bits
Description
[15:3]
Reserved
[3:2]
Gyroscope measurement range
00 = not used
01 = ±500°/sec (ADIS16501)
10 = not used
11 = not used
[1:0]
Not used, binary value = 11
Miscellaneous Control Register (MSC_CTRL)
Table 106. MSC_CTRL Register Definition
Addresses
Default
Access
Flash Backup
0x60, 0x61
0x00C1
R/W
Yes
Table 107. MSC_CTRL Bit Definitions
Bits
Description
[15:10]
Reserved
9
BURST32. 32-bit burst enable bit. The user must wait until a full data
ready cycle until the burst array updates with the desired data type.
1 = 32-bit burst data.
0 = 16-bit burst data (default).
8
BURST_SEL. Burst read output array selection. This bit controls
what calibrated data is in a burst read.
1 = burst data has delta angle and delta velocity data (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com