Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Data Sheet
ADIS16501
THEORY OF OPERATION
analog.com
Rev. B | 24 of 45
mode is appropriate for cases where there is averaging (decima-
tion) and/or low-pass filtering of the data.
Figure 44. Burst Read Sequence with BURST_SEL = 0
The sequence of registers (and checksum value) in the burst
read includes the following registers and value: DIAG_STAT,
X_GYRO_LOW, X_GYRO_OUT, Y_GYRO_LOW, Y_GYRO_OUT,
Z_GYRO_LOW, Z_GYRO_OUT, X_ACCL_LOW, X_ACCL_OUT,
Y_ACCL_LOW, Y_ACCL_OUT, Z_ACCL_LOW, Z_ACCL_OUT,
TEMP_OUT, DATA_CNTR, and the checksum value. In these cas-
es, use the following formula to verify the 16-bit checksum value,
treating each byte in the formula as an independent, unsigned, 8-bit
number:
Checksum = DIAG_STAT, Bits[15:8] + DIAG_STAT, Bits[7:0] +
X_GYRO_LOW, Bits[15:8] + X_GYRO_LOW, Bits[7:0] +
X_GYRO_OUT, Bits[15:8] + X_GYRO_OUT, Bits[7:0] +
Y_GYRO_LOW, Bits[15:8] + Y_GYRO_LOW, Bits[7:0] +
Y_GYRO_OUT, Bits[15:8] + Y_GYRO_OUT, Bits[7:0] +
Z_GYRO_LOW, Bits[15:8] + Z_GYRO_LOW, Bits[7:0] +
Z_GYRO_OUT, Bits[15:8] + Z_GYRO_OUT, Bits[7:0] +
X_ACCL_LOW, Bits[15:8] + X_ACCL_LOW, Bits[7:0] +
X_ACCL_OUT, Bits[15:8] + X_ACCL_OUT, Bits[7:0] +
Y_ACCL_LOW, Bits[15:8] + Y_ACCL_LOW, Bits[7:0] +
Y_ACCL_OUT, Bits[15:8] + Y_ACCL_OUT, Bits[7:0] +
Z_ACCL_LOW, Bits[15:8] + Z_ACCL_LOW, Bits[7:0] +
Z_ACCL_OUT, Bits[15:8] + Z_ACCL_OUT, Bits[7:0] +
TEMP_OUT, Bits[15:8] + TEMP_OUT, Bits[7:0] +
DATA_CNTR, Bits[15:8] + DATA_CNTR, Bits[7:0]
32-Bit Burst Mode with BURST_SEL = 1
In 32-bit burst mode with BURST_SEL = 1, a burst contains cali-
brated delta angle and delta velocity data in 32-bit format. This
mode is appropriate for cases where there is averaging (decima-
tion) and/or low-pass filtering of the data.
Figure 45. Burst Read Sequence with BURST_SEL = 1
The sequence of registers (and checksum value) in the burst read
includes the following registers and value: DIAG_STAT, X_DEL-
TANG_LOW, X_DELTANG_OUT, Y_DELTANG_LOW, Y_DEL-
TANG_OUT, Z_DELTANG_LOW, Z_DELTANG_OUT, X_DELT-
VEL_LOW, X_DELTVEL_OUT, Y_DELTVEL_LOW, Y_DELT-
VEL_OUT, Z_DELTVEL_LOW, Z_DELTVEL_OUT, TEMP_OUT,
DATA_CNTR, and the checksum value. In these cases, use the
following formula to verify the 16-bit checksum value, treating each
byte in the formula as an independent, unsigned, 8-bit number:
Checksum = DIAG_STAT, Bits[15:8] + DIAG_STAT, Bits[7:0] +
X_DELTANG_LOW, Bits[15:8] + X_DELTANG_LOW, Bits[7:0] +
X_DELTANG_OUT, Bits[15:8] + X_DELTANG_OUT, Bits[7:0] +
Y_DELTANG_LOW, Bits[15:8] + Y_DELTANG_LOW, Bits[7:0] +
Y_DELTANG_OUT, Bits[15:8] + Y_DELTANG_OUT, Bits[7:0] +
Z_DELTANG_LOW, Bits[15:8] + Z_DELTANG_LOW, Bits[7:0] +
Z_DELTANG_OUT, Bits[15:8] + Z_DELTANG_OUT, Bits[7:0] +
X_DELTVEL_LOW, Bits[15:8] + X_DELTVEL_LOW, Bits[7:0] +
X_DELTVEL_OUT, Bits[15:8] + X_DELTVEL_OUT, Bits[7:0] +
Y_DELTVEL_LOW, Bits[15:8] + Y_DELTVEL_LOW, Bits[7:0] +
Y_DELTVEL_OUT, Bits[15:8] + Y_DELTVEL_OUT, Bits[7:0] +
Z_DELTVEL_LOW, Bits[15:8] + Z_DELTVEL_LOW, Bits[7:0] +
Z_DELTVEL_OUT, Bits[15:8] + Z_DELTVEL_OUT, Bits[7:0] +
TEMP_OUT, Bits[15:8] + TEMP_OUT, Bits[7:0] + DATA_CNTR,
Bits[15:8] + DATA_CNTR, Bits[7:0]
LATENCY
Table 8 contains the group delay for each inertial sensor when
the ADIS16501 is operating with the factory default settings for
the FILT_CTRL (see Table 102) and DEC_RATE (see Table 110)
registers.
Table 8. Group Delay with No Filtering, Wide Bandwidth Option, MSC_CTRL,
Bit 4 = 0
Inertial Sensor
Group Delay (ms)1
Accelerometer
1.37
Gyroscope (X-Axis)
1.56
Gyroscope (Y-Axis)
1.56
Gyroscope (Z-Axis)
1.34
1 In this context, latency represents the time between the motion (linear acceler-
ation and/or angular rate of rotation) and the time that the representative data
is available in the output data register.
Table 9. Group Delay with No Filtering, 370 Hz Bandwidth, MSC_CTRL, Bit 4 =
1
Inertial Sensor
Group Delay (ms)1
Accelerometer
2.00
Gyroscope (X-Axis)
1.80
Gyroscope (Y-Axis)
1.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com