Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16501/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
ADIS16501
SPECIFICATIONS
analog.com
Rev. B | 4 of 45
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
In-Run Bias Stability
1 σ
X-axis and y-axis
12.7
µg
Z-axis
13.7
µg
Velocity Random Walk
1 σ
X-axis and y-axis
0.039
m/sec/√hr
Z-axis
0.033
m/sec/√hr
Error over Temperature
−40°C ≤ TA ≤ +85°C, 1 σ
±1.6
mg
Output Noise
No filtering
2.5
mg rms
Noise Density
f = 10 Hz to 40 Hz, no filtering
89.6
µg/√Hz rms
3 dB Bandwidth
750
Hz
Sensor Resonant Frequency
X-axis and Y-axis
5.3
kHz
Z-axis
4.8
kHz
TEMPERATURE SENSOR
Scale Factor
Output = 0x0000 at 0°C (±5°C)
0.1
°C/LSB
LOGIC INPUTS4
Input Voltage
High, VIH
2.0
V
Low, VIL
0.8
V
RST Pulse Width
1
µs
CS Wake-Up Pulse Width
20
µs
Input Current
Logic 1, IIH
VIH = 3.3 V
10
µA
Logic 0, IIL
VIL = 0 V
All Pins Except RST
10
µA
RST Pin
0.33
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output Voltage
High, VOH
Source current (ISOURCE) = 0.5 mA
2.4
V
Low, VOL
Sink current (ISINK) = 2.0 mA
0.4
V
FLASH MEMORY
Endurance5
10,000
Cycles
Data Retention6
TJ = 85°C
20
Years
FUNCTIONAL TIMES7
Time until data is available
Power-On Start-Up Time
342
ms
Reset Recovery Time8
GLOB_CMD, Bit 7 = 1 (see Table 113)
282
ms
Factory Calibration Restore
GLOB_CMD, Bit 1 = 1 (see Table 113)
1
ms
Flash Memory Backup
GLOB_CMD, Bit 3 = 1 (see Table 113)
146
ms
Flash Memory Test Time
GLOB_CMD, Bit 4 = 1 (see Table 113)
48
ms
Self Test Time
GLOB_CMD, Bit 2 = 1 (see Table 113)
29
ms
CONVERSION RATE
2000
SPS
Initial Clock Accuracy
3
%
Sync Input Clock
1.9
2.1
kHz
POWER SUPPLY, VDD
Operating voltage range
3.0
3.6
V
Power Supply Current9
Normal mode, VDD = 3.3 V
44
55
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com