Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 41Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 42Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 43Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 44Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Data Sheet
ADIS16501
APPLICATIONS INFORMATION
analog.com
Rev. B | 42 of 45
ASSEMBLY AND HANDLING TIPS
Package Attributes
The ADIS16501 is a multichip module package that has a 100-ball
BGA interface. This package has three basic attributes that influ-
ence its handling and assembly to the PCB of the system: the
lid, the substrate, and the BGA pattern. The material of the lid is
a liquid crystal polymer (LCP), and its nominal thickness is 0.5
mm. The substrate is a laminate that has a nominal thickness of
1.57 mm. The solder ball material is SAC305, and each ball has a
nominal diameter of 0.75 mm (±0.15 mm). The BGA pattern is a 10
× 10 array.
All electrical and physical connections are through the 10 × 10 array
shown in Figure 62. The bottom view in #unique_8/unique_8_Con-
nect_42_F66 shows additional features from the manufacture of
the ADIS16501 that are not relevant to the mounting or use of the
ADIS16501.
Assembly Tips
When attaching the ADIS16501 to a PCB, follow these guidelines:
►
The ADIS16501 supports solder reflow attachment processes in
accordance with J-STD-020E.
►
Limit device exposure to one pass through the solder reflow
process (no rework).
►
The hole in the top of the lid (see Figure 61) provides vent-
ing and pressure relief during the assembly process of the
ADIS16501. This hole must be kept clear while attaching the
ADIS16501 to a PCB. However, covering the hole in normal
operation is not typically a problem.
Figure 61. Pressure Relief Hole
►
Use no clean flux and avoid exposing the device to cleaning
solvents that can penetrate the inside of the ADIS16501 through
multiple paths.
►
Manage moisture exposure prior to the solder reflow processing
in accordance with J-STD-033, Moisture Sensitivity Level 5.
►
Avoid exposing the ADIS16501 to mechanical shock survivability
that exceeds the maximum rating in Table 3. In standard PCB
processing, high speed handling equipment and panel separa-
tion processes often present the most risk of introducing harmful
levels of mechanical shock survivability.
PCB Layout Suggestions
Figure 62 shows an example of the pad design and layout for the
ADIS16501 on a PCB. This example uses a solder mask opening
with a diameter of 0.73 mm, around a metal pad that has a
diameter of 0.56 mm. When using a material for the system PCB
that has similar thermal expansion properties as the substrate
material of the ADIS16501, the system PCB can also use the solder
mask to define the pads that support attachment to the balls of
the ADIS16501. The coefficient of thermal expansion (CTE) in the
substrate of the ADIS16501 is approximately 14 ppm/°C.
Figure 62. Recommended PCB Pattern, Solder Mask Defined Pads
Underfill
Underfill can be a useful technique in managing certain threats
to the integrity of the solder joints of the ADIS16501, including
peeling stress and extended exposure to vibration. When selecting
underfill material and developing an application and curing process,
ensure that the material fills the gap between each surface (the
ADIS16501 substrate and system PCB) and adheres to both surfa-
ces. The ADIS16501 does not require the use of underfill materials
in applications that do not anticipate exposure to these types of
mechanical stresses and when the CTE of the system PCB is close
to the same value as the CTE of the substrate of the ADIS16501
(~14 ppm/°C).
Process Validation and Control
These guidelines provide a starting point for developing a process
for attaching the ADIS16501 to a system PCB. Because each
system and situation can present unique requirements for this at-
tachment process, ensure that the process supports optimal solder
joint integrity, verify that the final system meets all environmental
test requirements, and establish observation and control strategies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com