Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 30 of 45
ACCELERATION DATA
The accelerometers in the ADIS16501 measure both dynamic and
static (response to gravity) acceleration along the same three
orthogonal axes that define the axes of rotation for the gyroscopes
(x, y, and z). Figure 50 shows the orientation of each accelerometer
axis along with the direction of acceleration that produces a positive
response in each of their measurements.
Figure 50. Accelerometer Axis and Polarity Assignments
Each accelerometer has two output data registers. Figure 51 shows
how these two registers combine to support a 32-bit, twos comple-
ment data format for the x-axis accelerometer measurements. This
format also applies to the y- and z-axes.
Figure 51. Accelerometer Output Data Structure
Accelerometer Resolution
Table 28 and Table 29 offer various numerical examples that dem-
onstrate the format of the linear acceleration data in both 16-bit and
32-bit formats.
Table 28. 16-Bit Accelerometer Data Format Examples
Acceleration
Dec
Hex
Binary
+14 g
+11,200
0x2BC0
0010 1011 1100 0000
+1 g
+800
0x0320
0000 0011 0010 0000
+1.25 mg
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−1.25 mg
−1
0xFFFF
1111 1111 1111 1111
−1 g
−800
0xFCE0
1111 1100 1110 0000
−14 g
−11,200
0xD440
1101 0100 0100 0000
Table 29. 32-Bit Accelerometer Data Format Examples
Acceleration
Decimal
Hex
+14 g
+734,003,200
0x2BC00000
+1 g
+52,428,800
0x03200000
Table 29. 32-Bit Accelerometer Data Format Examples (Continued)
Acceleration
Decimal
Hex
+19.1 ng
+1
0x00000001
0
0
0x00000000
−19.1 ng
−1
0xFFFFFFFF
−1 g
−52,428,800
0xFCE00000
−14 g
−734,003,200
0xD4400000
X-Axis Accelerometer (X_ACCL_LOW and
X_ACCL_OUT)
Table 30. X_ACCL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x10, 0x11
Not applicable
R
No
Table 31. X_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer data, additional resolution bits
Table 32. X_ACCL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x12, 0x13
Not applicable
R
No
Table 33. X_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer data, high word, twos complement, ±14 g range,
0 g = 0x0000, 1 LSB = 1.25 mg
The X_ACCL_LOW (see Table 30 and Table 31) and X_ACCL_
OUT (see Table 32 and Table 33) registers contain the accelerome-
ter data for the x-axis.
Y-Axis Accelerometer (Y_ACCL_LOW and
Y_ACCL_OUT)
Table 34. Y_ACCL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x14, 0x15
Not applicable
R
No
Table 35. Y_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer data, additional resolution bits
Table 36. Y_ACCL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x16, 0x17
Not applicable
R
No
Table 37. Y_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer data, high word, twos complement, ±14 g range,
0 g = 0x0000, 1 LSB = 1.25 mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com