Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER MEMORY MAP
analog.com
Rev. B | 27 of 45
Table 10. User Register Memory Map (N/A Means Not Applicable) (Continued)
Name
R/W
Flash Backup
Address
Default
Register Description
FILT_CTRL
R/W
Yes
0x5C, 0x5D
0x0000
Control, Bartlett window FIR filter
RANG_MDL
R
No
0x5E, 0x5F
N/A1
Measurement range (model specific) identifier
MSC_CTRL
R/W
Yes
0x60, 0x61
0x00C1
Control, input/output and other miscellaneous options
UP_SCALE
R/W
Yes
0x62, 0x63
0x07D0
Control, scale factor for input clock, scaled sync mode
DEC_RATE
R/W
Yes
0x64, 0x65
0x0000
Control, decimation filter (output data rate)
Reserved
N/A
N/A
0x66, 0x67
N/A
Reserved
GLOB_CMD
W
No
0x68, 0x69
N/A
Control, global commands
Reserved
N/A
N/A
0x6A to 0x6B
N/A
Reserved
FIRM_REV
R
No
0x6C, 0x6D
0x0200
Identification, firmware revision
FIRM_DM
R
No
0x6E, 0x6F
0x0503
Identification, date code, day and month
FIRM_Y
R
No
0x70, 0x71
0x2021
Identification, date code, year
PROD_ID
R
No
0x72, 0x73
0x5FB5
Identification, device number (0x5FB5 = 24,501 decimal)
SERIAL_NUM
R
No
0x74, 0x75
N/A
Identification, serial number
USER_SCR_1
R/W
Yes
0x76, 0x77
N/A
User Scratch Register 1
USER_SCR_2
R/W
Yes
0x78, 0x79
N/A
User Scratch Register 2
USER_SCR_3
R/W
Yes
0x7A, 0x7B
N/A
User Scratch Register 3
FLSHCNT_LOW
R
No
0x7C, 0x7D
N/A
Output, flash memory write cycle counter, lower word
FLSHCNT_HIGH
R
No
0x7E, 0x7F
N/A
Output, flash memory write cycle counter, upper word
1 See Table 104 for the model specific default value for this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com