Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADIS16501/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADIS16501/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 41Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 42Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 43Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 44Page - Analog Devices ADIS16501/PCBZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 41 of 45
information. For nonvolatile storage, use the manual flash memory
update command (Register GLOB_CMD, Bit 3, see Table 113) after
writing information to these registers.
Flash Memory Endurance Counter
(FLSHCNT_LOW and FLSHCNT_HIGH)
Table 130. FLSHCNT_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x7C, 0x7D
Not applicable
R
No
Table 131. FLSHCNT_LOW Bit Definitions
Bits
Description
[15:0]
Flash memory write counter, low word
Table 132. FLSHCNT_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x7E, 0x7F
Not applicable
R
No
Table 133. FLSHCNT_HIGH Bit Definitions
Bits
Description
[15:0]
Flash memory write counter, high word
The FLSHCNT_LOW (see Table 130 and Table 131) and
FLSHCNT_HIGH (see Table 132 and Table 133) registers combine
to provide a 32-bit, binary counter that tracks the number of flash
memory write cycles. In addition to the number of write cycles, the
flash memory has a finite service lifetime, which depends on the
junction temperature. Figure 60 provides guidance for estimating
the retention life for the flash memory at specific junction tempera-
tures. The junction temperature is approximately 7°C above the
case temperature.
Figure 60. Flash Memory Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com