Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Data Sheet
ADL8101
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 26 of 35
10 KHZ TO 22 GHZ BIAS TEE, BIASING THROUGH THE ACG/VDD2 PIN
VDD2 = 8.5 V, VBIAS = 5V, and RBIAS = 715 Ω.
Figure 110. Gain vs. Frequency for Various Temperatures,
10 kHz to 200 MHz
Figure 111. Input Return Loss vs. Frequency for Various Temperatures,
10 kHz to 200 MHz
Figure 112. Output Return Loss vs. Frequency for Various Temperatures,
10 kHz to 200 MHz
Figure 113. Gain vs. Frequency for Various Temperatures,
200 MHz to 24 GHz
Figure 114. Input Return Loss vs. Frequency for Various Temperatures,
200 MHz to 24 GHz
Figure 115. Output Return Loss vs. Frequency for Various Temperatures,
200 MHz to 24 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com