Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 34Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Data Sheet
ADL8101
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 31 of 35
OPERATION FROM 10 KHZ TO 22 GHZ
Figure 124 shows the application circuit that was used to extend
operation down to 10 kHz. Components, L3 = 680 μH and R4 = 300
Ω, support the low frequency operation. The gain and the return
loss of this circuit are shown in Figure 122 and Figure 123.
Figure 122. Gain and Return Loss vs. Frequency of 10 kHz to 22 GHz
Application Circuit, 10 kHz to 200 MHz,
VDD = 5 V, IDQ = 90 mA, RBIAS = 715 Ω
Further adjustments can be made to the external components of
the device to operate at even lower frequencies. Specifically, the
bias tee and DC blocking capacitors can be modified because
these components are the limiting factor causing the low frequency
cutoff. These external components can be interchanged to support
low frequency operation.
Figure 123. Gain and Return Loss vs. Frequency of 10 kHz to 22 GHz
Application Circuit, 200 MHz to 24 GHz,
VDD = 5 V, IDQ = 90 mA, RBIAS =715 Ω
Figure 124. Typical Application Circuit for Operation from 10 kHz to 22 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com