Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
ADL8101
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 29 of 35
The basic connections for operating the ADL8101 from 10 MHz to
22 GHz are shown in Figure 121. AC-couple the input and output
of the ADL8101 with appropriately sized capacitors (such as TDK
Corporation Part Number C1005X7S1A105K050BC).
Figure 119. Gain and Return Loss vs. Frequency of 10 MHz to 22 GHz
Application Circuit, 10 kHz to 200 MHz,
VDD = 5 V, IDQ = 90 mA, RBIAS = 715 Ω
The bias conditions, VDD = 5 V and IDQ = 90 mA, are the recom-
mended operating point to achieve specified performance. The gain
and return loss of this circuit are shown in Figure 119 and Figure
120 across frequencies. To set other bias conditions, adjust the
RBIAS value. Table 8 shows the recommended RBIAS values and
their associated IDQ values.
Figure 120. Gain and Return Loss vs. Frequency of 10 MHz to 22 GHz
Application Circuit, 200 MHz to 24 GHz,
VDD = 5 V, IDQ = 90 mA, RBIAS = 715 Ω
Figure 121. Typical Application Circuit for Operation from 10 MHz to 22 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com