Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Data Sheet
ADL8101
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 35
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. The RFIN pin is DC-coupled and matched to 50 Ω. See Figure 3 for the interface schematic.
2, 6
GND
Ground. Connect to a ground plane that has low electrical and thermal impedance. See Figure 4 for the interface schematic.
3
RBIAS
Bias Setting Resistor. Connect a resistor between RBIAS and VDDx to set IDQ. See Figure 121 and Table 8 for more details. See
Figure 5 for the interface schematic.
4, 7
NIC
No Internal Connection. The NIC pin is not connected internally. For normal operation, connect the NIC pin to ground.
5
RFOUT/VDD1
RF Output and Drain Bias Voltage. The RF output is DC-coupled and also serves as the drain biasing node. For the drain
bias voltage, connect a DC bias network to provide the drain current and AC-couple the RF output path. See Figure 6 for the
interface schematic.
8
ACG/VDD2
AC Ground and Optional Alternative Drain Bias. Connect a capacitor between the ACG/VDD2 pin and ground. The ACG/VDD2
pin can also be used as the drain biasing node through an internal resistor. Do not use the ACG/VDD2 pin simultaneously with
the RFOUT/VDD1 pin. See Figure 6 for the interface schematic.
GROUND PADDLE
Ground Paddle. Connect the ground paddle to a ground plane that has low electrical and thermal impedance.
INTERFACE SCHEMATICS
Figure 3. RFIN Interface Schematic
Figure 4. GND Interface Schematic
Figure 5. RBIAS Interface Schematic
Figure 6. RFOUT/VDD1 and ACG/VDD2 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com