Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Data Sheet
ADL8101
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 16 of 35
Figure 61. OIP3 vs. Frequency for Various Temperatures,
10 MHz to 500 MHz, VDD = 5 V, IDQ = 90 mA, and RBIAS = 715 Ω
Figure 62. OIP3 vs. Frequency for Various Supply Voltages,
10 MHz to 500 MHz, VDD = 5 V, IDQ = 90 mA, and RBIAS = 715 Ω
Figure 63. OIP3 vs. Frequency for Various IDQ Values,
10 MHz to 500 MHz, VDD = 5 V, IDQ = 90 mA, and RBIAS = 715 Ω
Figure 64. OIP3 vs. Frequency for Various Temperatures,
500 MHz to 24 GHz, VDD = 5 V, IDQ = 90 mA, and RBIAS = 715 Ω
Figure 65. OIP3 vs. Frequency for Various Supply Voltages,
500 MHz to 24 GHz, VDD = 5 V, IDQ = 90 mA, and RBIAS = 715 Ω
Figure 66. OIP3 vs. Frequency for Various IDQ Values,
500 MHz to 24 GHz, VDD = 5 V, IDQ = 90 mA, and RBIAS = 715 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com