Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Data Sheet
ADL8101
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 35
RECOMMENDED BIAS SEQUENCING
The correct sequencing of the DC and RF power is required to
safely operate the ADL8101. During power-up, apply VDD before
the RF power is applied to RFIN, and during power off, remove the
RF power from RFIN before VDD is powered off.
For more information on using the evaluation board, refer to the
EVAL-ADL8101 user guide.
Table 8. Recommended Bias Resistor Values for Various IDQ Values,
VDD = 5 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
1920
50
47.8
2.2
1066
70
66
4
715
90
84.5
5.5
515
110
102.8
7.2
390
130
121
9
Table 9. Recommended Bias Resistor Values for Various Supply Voltages,
IDQ = 90 mA
RBIAS (Ω)
VDD(V)
256
3.0
473
4.0
715
5.0
968
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com